Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F1364A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC87F1364A
Description  8-bit 1-chip Microcontroller with Low-speed USB
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1364A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC87F1364A Datasheet HTML 1Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 2Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 3Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 4Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 5Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 6Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
80807HKIM 20060405-S00011 No.A0137-1/22
Ver.1.07
LC87F1364A
Overview
The SANYO LC87F1364A is an 8-bit microcomputer that, centered around a CPU running at a minimum bus cycle time
of 166ns, integrates on a single chip a number of hardware features such as 64K-byte flash ROM (onboard
programmable), 1024-byte RAM, an on-chip debugger, a sophisticated 16-bit timers/counters (may be divided into 8-bit
timers), 16-bit timers (may be divided into 8-bit timers or 8-bit PWMs), four 8-bit timers with a prescaler, a base timer
serving as a time-of-day clock, a high-speed clock counter, a synchronous SIO interface (with automatic block transmit/
receive function), an asynchronous/synchronous SIO interface, a UART interface (full duplex), a USB (Low-Speed)
interface, two 12-bit PWM channels, an 8-bit 9-channel AD converter, and a 29-source 10-vector address interrupt
feature.
Features
Flash ROM
• Block-erasable in 128-byte units
• 65536 × 8 bits
Minimum Bus Cycle Time
• 166ns (CF = 6MHz)
Note: The bus cycle time here refers to the ROM read speed.
Minimum Instruction Cycle Time (tCYC)
• 500ns (CF = 6MHz)
Ordering number : ENA0137
CMOS IC
FROM 64K byte, RAM 1K byte on-chip
8-bit 1-chip Microcontroller
with Low-speed USB
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by
SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LC87F1364A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F17C8A ONSEMI-LC87F17C8A Datasheet
382Kb / 36P
   LC87F17C8A
November 2014 - Rev. 0
LC87F17C8AUWA-2H ONSEMI-LC87F17C8AUWA-2H Datasheet
382Kb / 36P
   LC87F17C8A
November 2014 - Rev. 0
logo
Sanyo Semicon Device
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
More results

Similar Description - LC87F1364A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A_09 Datasheet
181Kb / 26P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1M16A SANYO-LC87F1M16A Datasheet
199Kb / 32P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1G64A SANYO-LC87F1G64A Datasheet
191Kb / 29P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A_0812 SANYO-LC87F1HC8A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com