Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F7H32A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC87F7H32A
Description  32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F7H32A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC87F7H32A Datasheet HTML 1Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 2Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 3Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 4Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 5Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 6Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 7Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 8Page - Sanyo Semicon Device LC87F7H32A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LC87F7H32A
No.A1842-5/28
Standby Function
• HALT mode
HALT mode is used to reduce power consumption. During the HALT mode, program execution is stopped but
peripheral circuits keep operating (Some parts of serial transfer operation stop.)
(1) Oscillation circuits are not stopped automatically.
(2) Released by the system reset or interrupts.
• HOLD mode
HOLD mode is used to reduce power consumption. Program execution and peripheral circuits are stopped.
(1) CF, RC and crystal oscillation circuits stop automatically.
(2) Released by any of the following conditions.
1) Low level input to the reset pin
2) Watchdog timer interrupt
3) Specified level input to one of INT0, INT1, INT2
4) Port 0 interrupt
5) SPI interrupt by receiving 1-byte (8-bit clock)
• X’tal HOLD mode
X’tal HOLD mode is used to reduce power consumption. Program execution is stopped.
All peripheral circuits except the base timer are stopped.
(1) CF and RC oscillation circuits stop automatically.
(2) Crystal oscillator operation is kept in its state at HOLD mode inception.
(3) Released by any of the following conditions.
1) Low level input to the reset pin
2) Watchdog timer interrupt
3) Specified level input to one of INT0, INT1, INT2
4) Port 0 interrupt
5) Base-timer interrupt
6) RTC interrupt
7) SPI interrupt by receiving 1-byte (8-bit clock)
Onchip Debugger
• Supports software debugging with the IC mounted on the target board.
Shipping Form
• QIP64E (14×14) (Lead-/Halogen-free type)
• SQFP64 (10×10) (Lead-/Halogen-free type)
Development Tools
• On-chip debugger: TCB87 TypeB+LC87F7H32A
Flash ROM Programming Boards
Package
Programming boards
QIP64E (14
×14)
W87F70256Q
SQFP64 (10
×10)
W87F79256SQ


Similar Part No. - LC87F7H32A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC87F74C8A SANYO-LC87F74C8A Datasheet
575Kb / 21P
   8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F76C8A ONSEMI-LC87F76C8A Datasheet
187Kb / 24P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.09
More results

Similar Description - LC87F7H32A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com