Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F7DJ2B Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC87F7DJ2B
Description  FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F7DJ2B Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC87F7DJ2B Datasheet HTML 1Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 2Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 3Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 4Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 5Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 6Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 7Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 8Page - Sanyo Semicon Device LC87F7DJ2B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LC87F7DJ2B
No.A1636-5/26
Continued from preceding page.
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The CF, RC, X’tal, and frequency variable RC oscillators automatically stop operation.
2) There are three ways of resetting the HOLD mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer
and the remote control receiver circuit.
1) The CF, RC, and frequency variable RC oscillators automatically stop operation.
2) The state of crystal oscillation established when the X'tal HOLD mode is entered is retained.
3) There are five ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established in the base timer circuit
(5) Having an interrupt source established in the remote control receiver circuit
On-chip Debugger
• Supports software debugging with the IC mounted on the target board.
Package Form
• QIP100E(14×20): Lead-free type/Halogen-free type
• TQFP100(14×14): Lead-free type/Halogen-free type (Under Development)
Development Tools
• On-chip debugger: TCB87-TypeB + LC87F7DJ2B or TCB87 TypeC(3Lines Cable) + LC87F7DJ2B
Flash ROM Programming Boards
Package
Programming boards
QIP100E(14
×20)
W87FQ100
TQFP100(14
×14)
W87FSQ100
Flash ROM Programmer
Maker
Model
Supported version
Device
Single
AF9708
AF9709/AF9709B/AF9709C
(Including product of Ando
Electric Co., Ltd)
(Note 2)
LC87F7DJ2B
AF9723/AF9723B(Main body)
(Including product of Ando
Electric Co., Ltd)
(Note 2)
Flash Support Group, Inc.
(FSG)
Gang
AF9833(Unit)
(Including product of Ando
Electric Co., Ltd)
(Note 2)
LC87F7DJ2B
AF9101/AF9103(Main body)
(FSG)
Flash Support Group, Inc.
(FSG)
+
SANYO (Note 1)
Onboard
Single/Gang
SIB87(interface driver)
(SANYO)
(Note 2)
LC87F7DJ2B
Single/Gang
SKK/SKK Type B
(SANYO FWS)
SANYO
Onboard
Single/Gang
SKK-DBG Type B
(SANYO FWS)
Application Version
After 1.05
Chip Data Version
After 2.23
LC87F7DJ2B
Note 1: With the FSG onboard programmer (AF9101/AF9103) and the serial interface driver provided by SANYO,
PC-less standalone onboard programming is possible
Note 2: Depending on programming conditions, it is necessary to use a dedicated programming device and a program.
Please contact SANYO or FSG if you have any questions or difficulties regarding this matter.


Similar Part No. - LC87F7DJ2B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7DJ2B SANYO-LC87F7DJ2B Datasheet
172Kb / 26P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC87F7DJ2B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com