Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1WB60 Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # S1WB60
Description  General Purpose Rectifiers(600V 1A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S1WB60 Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  S1WB60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S1WB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S1WB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S1WB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S1WB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
0
20
40
60
80
100
120
140
160
S1WB(A)x
Derating Curve
Sine wave
R-load
Free in air
SIN
Ambient Temperature Ta [
°C]
PCB
Glass-epoxy substrate
Soldering land 3mm
φ


Similar Part No. - S1WB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S1WB60 SHINDENGEN-S1WB60 Datasheet
171Kb / 5P
   General purpose rectifiers
S1WB60B SHINDENGEN-S1WB60B Datasheet
305Kb / 5P
   General Purpose Rectifiers(600V 1A)
S1WB60 SHINDENGEN-S1WB60_02 Datasheet
168Kb / 5P
   GENERAL PURPOSE RECTIFIERS
More results

Similar Description - S1WB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S1VBA60 SHINDENGEN-S1VBA60 Datasheet
271Kb / 5P
   General Purpose Rectifiers(600V 1A)
D1F60 SHINDENGEN-D1F60 Datasheet
322Kb / 6P
   General Purpose Rectifiers(600V 1A)
D1N60 SHINDENGEN-D1N60 Datasheet
300Kb / 5P
   General Purpose Rectifiers(600V 1A)
S1WB60B SHINDENGEN-S1WB60B Datasheet
305Kb / 5P
   General Purpose Rectifiers(600V 1A)
S1NB60 SHINDENGEN-S1NB60 Datasheet
160Kb / 5P
   General Purpose Rectifiers(600V 1A)
M1F60 SHINDENGEN-M1F60 Datasheet
283Kb / 6P
   General Purpose Rectifiers(600V 1A)
S1VB60 SHINDENGEN-S1VB60 Datasheet
319Kb / 5P
   General Purpose Rectifiers(600V 1A)
M1F80 SHINDENGEN-M1F80 Datasheet
283Kb / 6P
   General Purpose Rectifiers(800V 1A)
S1VB20 SHINDENGEN-S1VB20 Datasheet
319Kb / 5P
   General Purpose Rectifiers(200V 1A)
S1NB80 SHINDENGEN-S1NB80 Datasheet
271Kb / 5P
   General Purpose Rectifiers(800V 1A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com