Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F7DC8A Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # LC87F7DC8A
Description  FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F7DC8A Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button LC87F7DC8A_10 Datasheet HTML 12Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 13Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 14Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 15Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 16Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 17Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 18Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 19Page - Sanyo Semicon Device LC87F7DC8A_10 Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LC87F7DC8A
No.A1156-16/26
Continued from preceding page.
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
VOH(1)
IOH=-1mA
4.5 to 5.5
VDD-1
VOH(2)
IOH=-0.4mA
3.0 to 5.5
VDD-0.4
VOH(3)
Ports 0, 1,
32 to 35
IOH=-0.2mA
2.2 to 5.5
VDD-0.4
VOH(4)
IOH=-10mA
4.5 to 5.5
VDD-1.5
VOH(5)
IOH=-1.6mA
3.0 to 5.5
VDD-0.4
VOH(6)
Ports 30, 31
IOH=-1mA
2.2 to 5.5
VDD-0.4
VOH(7)
IOH=-0.4mA
3.0 to 5.5
VDD-0.4
VOH(8)
Ports 71 to 73
IOH=-0.2mA
2.2 to 5.5
VDD-0.4
VOH(9)
IOH=-1mA
4.5 to 5.5
VDD-1
VOH(10)
IOH=-0.4mA
3.0 to 5.5
VDD-0.4
High level output
voltage
VOH(11)
Ports A, B, C
Ports D, E, F
IOH=-0.2mA
2.2 to 5.5
VDD-0.4
VOL(1)
IOL=10mA
4.5 to 5.5
1.5
VOL(2)
IOL=1.6mA
3.0 to 5.5
0.4
VOL(3)
Ports 0, 1,
32 to 35
Ports 30,31
(PWM function
output mode)
IOL=1mA
2.2 to 5.5
0.4
VOL(4)
IOL=30mA
4.5 to 5.5
1.5
VOL(5)
IOL=5mA
3.0 to 5.5
0.4
VOL(6)
Ports 30, 31
(Port function
output mode)
IOL=2.5mA
2.2 to 5.5
0.4
VOL(7)
IOL=1.6mA
3.0 to 5.5
0.4
VOL(8)
Ports 7, 8
XT2
IOL=1mA
2.2 to 5.5
0.4
VOL(9)
IOL=1.6mA
3.0 to 5.5
0.4
Low level output
voltage
VOL(10)
Ports A, B, C
Ports D, E, F
IOL=1mA
2.2 to 5.5
0.4
VODLS
S0 to S53
• IO=0mA
• VLCD, 2/3VLCD,1/3VLCD
level output
• See Fig. 8.
2.2 to 5.5
0
±0.2
LCD output voltage
regulation
VODLC
COM0 to COM3
• IO=0mA
• VLCD, 2/3VLCD,1/2VLCD,
1/3VLCD level output
• See Fig. 8.
2.2 to 5.5
0
±0.2
V
RLCD(1)
Resistance per
one bias resister
See Fig. 8.
2.2 to 5.5
60
LCD bias resistor
RLCD(2)
Resistance per
one bias resister
1/2 mode
See Fig. 8.
2.2 to 5.5
30
Rpu(1)
4.5 to 5.5
15
35
80
Resistance of
pull-up MOS Tr.
Rpu(2)
Ports 0, 1, 3, 7
Ports A, B, C
Ports D, E, F
VOH=0.9VDD
2.2 to 5.5
18
50
150
k
Ω
VHYS(1)
Ports 1, 7
RES
2.2 to 5.5
0.1VDD
Hysterisis voltage
VHYS(2)
P87 small signal
input side
2.2 to 5.5
0.1VDD
V
Pin capacitance
CP
All pins
• For pins other than that
under test: VIN=VSS
• f=1MHz
• Ta=25
°C
2.2 to 5.5
10
pF
Input sensitivity
Vsen
P87 small signal
input side
2.2 to 5.5
0.12VDD
Vp-p


Similar Part No. - LC87F7DC8A_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F7DC8A ONSEMI-LC87F7DC8A Datasheet
194Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.10
More results

Similar Description - LC87F7DC8A_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F83C8A SANYO-LC87F83C8A Datasheet
255Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com