Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F5WC8A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC87F5WC8A
Description  FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5WC8A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC87F5WC8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LC87F5WC8A
No.A1898-2/27
Minimum Instruction Cycle Time (tCYC)
• 250ns (12MHz)
VDD=2.8 to 5.5V
• 375ns (8MHz)
VDD=2.5 to 5.5V
• 1.5μs (2MHz)
VDD=2.2 to 5.5V
Ports
• Normal withstand voltage I/O ports
Ports whose I/O direction can be designated in 1-bit units
64 (P1n, P2n, P3n, P70 to P73, P8n, PAn, PBn, PCn,
S2Pn, PWM0, PWM1, XT2)
Ports whose I/O direction can be designated in 2-bit units
16 (PEn, PFn)
Ports whose I/O direction can be designated in 4-bit units
8 (P0n)
• Normal withstand voltage input port
1 (XT1)
• Dedicated oscillator ports
2 (CF1, CF2)
• Reset pins
1 (RES)
• Power pins
8 (VSS1 to VSS4, VDD1 to VDD4)
Timers
• Timer 0 : 16-bit timer/counter with capture register
Mode 0: 8-bit timer with an 8-bit programmable prescaler (with two 8-bit capture registers)
× 2 channels
Mode 1: 8-bit timer with an 8-bit programmable prescaler (with two 8-bit capture registers)
+ 8-bit counter (with two 8-bit capture registers)
Mode 2: 16-bit timer with an 8-bit programmable prescaler (with two 16-bit capture registers)
Mode 3: 16-bit counter (with 216-bit capture registers)
• Timer 1: 16-bit timer/counter that support PWM/ toggle output
Mode 0: 8-bit timer with an 8-bit prescaler (with toggle outputs) + 8-bit timer/counter (with toggle outputs)
Mode 1: 8-bit PWM with an 8-bit prescaler
× 2 channels
Mode 2: 16-bit timer/counter with an 8-bit prescaler (with toggle outputs)
(toggle outputs also from the lower-order 8 bits)
Mode 3: 16-bit timer with an 8-bit prescaler (with toggle outputs) (The lower-order 8 bits can be used as PWM.)
• Timer 4: 8-bit timer with a 6-bit prescaler
• Timer 5: 8-bit timer with a 6-bit prescaler
• Timer 6: 8-bit timer with a 6-bit prescaler (with toggle outputs)
• Timer 7: 8-bit timer with a 6-bit prescaler (with toggle outputs)
• Base timer
(1) The clock is selectable from the subclock (32.768kHz crystal oscillator), system clock, and timer 0 prescaler
output.
(2) Interrupts programmable in 5 different time schemes.
High-speed Clock Counter
(1) Capable of counting clocks with a maximum clock rate of 24MHz (at a main clock of 12MHz).
(2) Capable of generating output real-time.
SIO
• SIO0: 8-bit synchronous serial interface
(1) LSB first/MSB first mode selectable
(2) Built-in 8-bit baudrate generator (maximum transfer clock cycle = 4/3 tCYC)
(3) Automatic continuous data transmission (1 to 256 bits, specifiable in 1 bit units, suspension and resumption of
data transmission possible in 1 byte units)
• SIO1: 8-bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clocks)
Mode 1: Asynchronous serial I/O (half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrates)
Mode 2: Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clocks)
Mode 3: Bus mode 2 (start detect, 8 data bits, stop detect)
• SIO2: 8 bit synchronous serial interface
(1) LSB first mode
(2) Built-in 8-bit baudrate generator (maximum transfer clock cycle = 4/3 tCYC)
(3) Automatic continuous data transmission (1 to 32 bytes)


Similar Part No. - LC87F5WC8A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F5WC8A ONSEMI-LC87F5WC8A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
More results

Similar Description - LC87F5WC8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com