Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG458 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG458
Description  Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG458 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG458_11 Datasheet HTML 1Page - Vishay Siliconix DG458_11 Datasheet HTML 2Page - Vishay Siliconix DG458_11 Datasheet HTML 3Page - Vishay Siliconix DG458_11 Datasheet HTML 4Page - Vishay Siliconix DG458_11 Datasheet HTML 5Page - Vishay Siliconix DG458_11 Datasheet HTML 6Page - Vishay Siliconix DG458_11 Datasheet HTML 7Page - Vishay Siliconix DG458_11 Datasheet HTML 8Page - Vishay Siliconix DG458_11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 70064
S11-1029–Rev. H, 23-May-11
www.vishay.com
5
Vishay Siliconix
DG458, DG459
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Input Leakage vs. Input Voltage
Off-Channel Leakage Currents vs. Input Voltage
Output Leakage vs. Off-Channel Overvoltage
VS – Source Voltage (V)
- 50
0
50
1 mA
100 µA
10 µA
1 µA
100 nA
10 nA
1 nA
100 pA
10 pA
1 pA
- 40 - 30 - 20 - 10
10
20
30
40
Operating Range
V+ = V- = 0 V
VS – Source Voltage (V)
- 50
0
50
- 40 - 30 - 20 - 10
10
20
30
40
Operating Range
V+ = 15 V
V- = - 15 V
1 mA
100 µA
10 µA
1 µA
100 nA
10 nA
1 nA
100 pA
10 pA
1 pA
VS – Source Voltage (V)
1 nA
0.1 pA
- 50 - 40
50
100 pA
10 pA
1 pA
- 30 - 20 - 10
0
10
20
30
40
V+ = 15 V
V- = - 15 V
RDS(on) vs. VD and Temperature
Leakage Currents vs. Temperature
RDS(on) vs. Input Voltage
VD – Drain Voltage (V)
700
- 10
0
10
600
500
400
0
300
200
100
5.0
- 5.0
2.5
- 2.5
- 7.5
7.5
125 °C
- 55 °C
V+ = 15 V
V- = - 15 V
85 °C
25 °C
0 °C
Temperature (°C)
10
- 55 - 35
125
1
0.10
0.01
- 15
5
25
45
65
85
105
IS(off)
ID(on)
V+ = 15 V
V- = - 15 V
VS, VD = ± 10 V
ID(off)
VS – Source Voltage (V)
2000
400
0
0
25
20
15
10
5
- 20
- 15
- 10
- 5
800
1200
1600
±5 V
Supplies
± 10 V
± 15 V
± 20 V


Similar Part No. - DG458_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458AK/883 VISHAY-DG458AK/883 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG458AZ/883 VISHAY-DG458AZ/883 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG458DJ VISHAY-DG458DJ Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG458DJ VISHAY-DG458DJ Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458DJ VISHAY-DG458DJ Datasheet
162Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
02-Oct-12
More results

Similar Description - DG458_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
DG458 VISHAY-DG458_V01 Datasheet
162Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
02-Oct-12
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com