Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F1HC8A Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC87F1HC8A
Description  8-bit 1-chip Microcontroller with USB-host controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1HC8A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC87F1HC8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 14Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LC87F1HC8A
No.A0956-11/27
USB Reference Power Option
When a voltage 4.5 to 5.5V is supplied to VDD1 and the internal USB reference voltage circuit is activated, the
reference voltage for USB port output is generated. The active/inactive state of the reference voltage circuit can be
switched by option select. The procedure for marking the option selection is described below.
(1)
(2)
(3)
(4)
USB regulator
USE
USE
USE
NONUSE
USB regulator at HOLD mode
USE
NONUSE
NONUSE
NONUSE
Option settings
USB regulator at HALT mode
USE
NONUSE
USE
NONUSE
Normal mode
active
active
active
inactive
HOLD mode
active
inactive
inactive
inactive
Reference voltage circuit state
HALT mode
active
inactive
active
inactive
• When the USB reference voltage circuit is made inactive, the level of the reference voltage for USB port output is
equal to VDD1.
• Selection (2) or (3) can be used to set the reference voltage circuit inactive in HOLD or HALT mode.
• When the reference voltage circuit is activated, the current drain increases by approximately 100μA compared with
when the reference voltage circuit is inactive.
Example 1: VDD1=VDD2=3.3V
• Inactivating the reference voltage circuit (selection (4)).
• Connecting VDD3 to VDD1 and VDD2.
Example 2: VDD1=VDD2=5.0V
• Activating the reference voltage circuit (selection (1)).
• Isolating VDD3 from VDD1 and VDD2, and connecting capacitor between VDD3 and VSS.
VSS1 VSS2VSS3
VDD1
VDD2
VDD3
Power Supply
3.3V
For backup
LSI
UHD+
UHD-
UFILT
15k
Ω
To USB connector
33
Ω
5pF
0
Ω
2.2
μF
VSS1 VSS2 VSS3
VDD1
VDD2
VDD3
Power Supply
5V
For backup
LSI
UHD+
UHD-
UFILT
0
Ω
2.2
μF
15k
Ω
To USB connector
33
Ω
5pF
2.2
μF
0.1
μF


Similar Part No. - LC87F1HC8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1HC8A SANYO-LC87F1HC8A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8A ONSEMI-LC87F1HC8A Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
More results

Similar Description - LC87F1HC8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4B SANYO-LC87F1JJ4B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8B SANYO-LC87F1JJ8B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2B SANYO-LC87F1JJ2B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4A SANYO-LC87F1JJ4A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com