Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG444BDN-T1-E4 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG444BDN-T1-E4
Description  Improved Quad SPST CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG444BDN-T1-E4 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG444BDN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG444BDN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG444BDN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG444BDN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG444BDN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG444BDN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG444BDN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix DG444BDN-T1-E4 Datasheet HTML 10Page - Vishay Siliconix DG444BDN-T1-E4 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Document Number: 72626
S11-1350-Rev. B, 04-Jul-11
www.vishay.com
7
Vishay Siliconix
DG444B, DG445B
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
C = 1 mF tantalum in parallel with 0.01 mF ceramic
APPLICATIONS
Figure 4. Crosstalk
50
Ω
D1
VO
Rg = 50 Ω
S1
+ 15 V
- 15 V
D2
GND
V+
V-
NC
C
C
S2
RL
IN1
XTALK Isolation = 20 log
VS
VO
0 V, 2.4 V
0 V, 2.4 V
VS
IN2
C = RF bypass
VL
+ 5 V
Figure 5. Off Isolation
S
IN
RL
D
Rg = 50 Ω
VS
VO
0 V, 2.4 V
Off Isolation = 20 log
VS
VO
V+
- 15 V
GND
V-
C
+ 15 V
C
+ 5 V
VL
Figure 6. Source/Drain Capacitances
S
D
f = 1 MHz
IN
- 15 V
GND
V-
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
V+
+ 15 V
C
+ 5 V
VL
Figure 7. Level Shifter
+ 15 V
+ 15 V
+ 15 V
+ 5 V
0 V
0 V
+ 5 V
V+
V-
GND
VIN
10 k
Ω
VL
VOUT
1/4 DG444B


Similar Part No. - DG444BDN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG444BDN-T1-E4 VISHAY-DG444BDN-T1-E4 Datasheet
199Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG444BDN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG441B VISHAY-DG441B_V01 Datasheet
201Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
DG444B VISHAY-DG444B_V01 Datasheet
199Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com