Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG419BDY-T1 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG419BDY-T1
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG419BDY-T1 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG419BDY-T1 Datasheet HTML 5Page - Vishay Siliconix DG419BDY-T1 Datasheet HTML 6Page - Vishay Siliconix DG419BDY-T1 Datasheet HTML 7Page - Vishay Siliconix DG419BDY-T1 Datasheet HTML 8Page - Vishay Siliconix DG419BDY-T1 Datasheet HTML 9Page - Vishay Siliconix DG419BDY-T1 Datasheet HTML 10Page - Vishay Siliconix DG419BDY-T1 Datasheet HTML 11Page - Vishay Siliconix DG419BDY-T1 Datasheet HTML 12Page - Vishay Siliconix DG419BDY-T1 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Document Number: 72107
S09-1261-Rev. D, 13-Jul-09
www.vishay.com
9
Vishay Siliconix
DG417B, DG418B, DG419B
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?72107.
Figure 6. Crosstalk
Rg = 50
IN
0.8 V
VL
V+
V -
XTALK Isolation = 20 log
VO
VS
GND
S2
VS
VO
S1
RL
D
C = RF bypass
50
+ 15 V
- 15 V
C
C
+ 5 V
C
Figure 7. Off isolation
V+
S
VL
Rg = 50
D
- 15 V
VS
GND
V -
C
RL
IN
VO
0 V, 2.4 V
Off Isolation = 20 log
VO
VS
+ 5 V
C
+ 15 V
C
Figure 8. Insertion Loss
S
VS
VO
0 V, 2.4 V
IN
RL
VL
D
Rg = 50
+ 5 V
- 15 V
GND
V-
C
C
+ 15 V
V+
C
Figure 9. Source/Drain Capacitances
VL
IN
S
V+
D
f = 1 MHz
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
+ 5 V
C
+ 15 V
C
D2
D1
S1
f = 1 MHz
+ 15 V
IN
S2
NC
- 15 V
GND
V+
C
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
DG417B/418B
DG419B
f = 1 MHz
- 15 V
GND
V-
V-


Similar Part No. - DG419BDY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG419BDY-T1 VISHAY-DG419BDY-T1 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG419BDY-T1 VISHAY-DG419BDY-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG419BDY-T1-E3 VISHAY-DG419BDY-T1-E3 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG419BDY-T1-E3 VISHAY-DG419BDY-T1-E3 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results

Similar Description - DG419BDY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com