Electronic Components Datasheet Search |
|
DG413LDQ-E3 Datasheet(PDF) 4 Page - Vishay Siliconix |
|
DG413LDQ-E3 Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 14 page www.vishay.com 4 Document Number: 71397 S11-0179-Rev. F, 07-Feb-11 Vishay Siliconix DG411L, DG412L, DG413L Notes: a. Refer to PROCESS OPTION FLOWCHART. b. Room = 25 °C, Full = as determined by the operating temperature suffix. c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. e. Guaranteed by design, not subject to production test. f. VIN = input voltage to perform proper function. g. Leakage parameters are guaranteed by worst case test conditions and not subject to test. SPECIFICATIONSa (Dual Supply ± 5 V) Parameter Symbol Test Conditions Unless Otherwise Specified V+ = 5 V, V- = - 5 V VL = 5 V, VIN = 2.4 V, 0.8 V f Temp.b Ty.pc A Suffix Limits - 55 °C to 125 °C D Suffix Limits - 40 °C to 85 °C Unit Min.d Max.d Min.d Max.d Analog Switch Analog Signal Rangee VANALOG Full - 5 5 - 5 5 V Drain-Source On-Resistance RDS(on) V+ = 5 V, V- = - 5 V IS = 10 mA, VD = ± 3.5 V Room Full 20 33 45 33 40 Switch Off Leakage Currentg IS(off) V+ = 5.5 , V- = - 5.5 V VD = ± 4.5 V, VS = ± 4.5 V Room Full - 1 - 15 1 15 - 1 - 10 1 10 nA ID(off) Room Full - 1 - 15 1 15 - 1 - 10 1 10 Channel On Leakage Currentg ID(on) V+ = 5.5 V, V- = - 5.5 V VS = VD = ± 4.5 V Room Full - 1 - 15 1 15 - 1 - 10 1 10 Digital Control Input Current, VIN Low e IIL VIN under test = 0.8 V Full 0.05 - 1.5 1.5 - 1 1 µA Input Current, VIN High e IIH VIN under test = 2.4 V Full 0.05 - 1.5 1.5 - 1 1 Dynamic Characteristics Turn-On Timee tON RL = 300 , CL = 35 pF VS = ± 3.5 V, see figure 2 Room Full 21 50 70 50 60 ns Turn-Off Timee tOFF Room Full 16 35 50 35 40 Break-Before-Make Time Delaye tD DG413L only, VS = 3.5 V RL = 300 , CL = 35 pF Room 6 Charge Injectione QVg = 0 V, Rg = 0 , CL = 10 nF Room 5 pC Off Isolatione OIRR RL = 50 , CL = 5 pF , f = 1 MHz Room 68 dB Channel-to-Channel Crosstalke XTALK Room 85 Source Off Capacitancee CS(off) f = 1 MHz Room 9 pF Drain Off Capacitancee CD(off) Room 9 Channel On Capacitancee CD(on) Room 20 Power Supplies Positive Supply Currente I+ VIN = 0 or 5 V Room Full 0.03 1 7.5 1 5 µA Negative Supply Currente I- Room Full - 0.002 - 1 - 7.5 - 1 - 5 Logic Supply Currente IL Room Full 0.002 1 7.5 1 5 Ground Currente IGND Room Full - 0.002 - 1 - 7.5 - 1 - 5 |
Similar Part No. - DG413LDQ-E3 |
|
Similar Description - DG413LDQ-E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |