Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG442DY-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG442DY-E3
Description  Quad SPST CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG442DY-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG442DY-E3 Datasheet HTML 1Page - Vishay Siliconix DG442DY-E3 Datasheet HTML 2Page - Vishay Siliconix DG442DY-E3 Datasheet HTML 3Page - Vishay Siliconix DG442DY-E3 Datasheet HTML 4Page - Vishay Siliconix DG442DY-E3 Datasheet HTML 5Page - Vishay Siliconix DG442DY-E3 Datasheet HTML 6Page - Vishay Siliconix DG442DY-E3 Datasheet HTML 7Page - Vishay Siliconix DG442DY-E3 Datasheet HTML 8Page - Vishay Siliconix DG442DY-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 70053
S11-1066-Rev. J, 30-May-11
www.vishay.com
3
Vishay Siliconix
DG441, DG442
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONSa (Dual Supplies)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V
VIN = 2.4 V, 0.8 V
f
Temp.b
Typ.c
A Suffix
- 55 °C to 125 °C
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 15
15
- 15
15
V
Drain-Source
On-Resistance
RDS(on)
IS = - 10 mA, VD = ± 8.5 V
V+ = 13.5 V, V- = - 13.5 V
Room
Full
50
85
100
85
100
On-Resistance Match Between
Channelse
RDS(on)
IS = - 10 mA, VD = ± 10 V
V+ = 15 V, V- = - 15 V
Room
Full
4
5
4
5
Switch Off Leakage Current
IS(off)
V+ = 16.5, V- = - 16.5 V
VD = ± 15.5 V, VS = ± 15.5 V
Room
Full
± 0.01
- 0.5
- 20
0.5
20
- 0.5
- 5
0.5
5
nA
ID(off)
Room
Full
± 0.01
- 0.5
- 20
0.5
20
- 0.5
- 5
0.5
5
Channel On Leakage Current
ID(on)
V+ = 16.5 V, V- = - 16.5 V
VS = VD = ± 15.5 V
Room
Full
± 0.08
- 0.5
- 40
0.5
40
- 0.5
- 10
0.5
10
Digital Control
Input Current VIN Low
IIL
VIN under test = 0.8 V,
All Other = 2.4 V
Full
- 0.01
- 500
500
- 500
500
nA
Input Current VIN High
IIH
VIN under test = 2.4 V
All Other = 0.8 V
Full
0.01
- 500
500
- 500
500
Dynamic Characteristics
Turn-On Time
tON
RL = 1 k, CL = 35 pF
VS = ± 10 V
See Figure 2
Room
150
250
250
ns
Turn-Off Time
DG441
tOFF
Room
90
120
120
DG442
Room
110
210
210
Charge Injectione
Q
CL = 1 nF, VS = 0 V
Vgen = 0 V, Rgen = 0 
Room
- 1
pC
Off Isolatione
OIRR
RL = 50 , CL = 5 pF
f = 1 MHz
Room
60
dB
Crosstalk (Channel-to-
Channel)
XTALK
Room
100
Source Off Capacitancee
CS(off)
f = 1 MHz
Room
4
pF
Drain Off Capacitancee
CD(off)
Room
4
Channel On Capacitancee
CD(on)
VANALOG = 0 V
Room
16
Power Supplies
Positive Supply Current
I+
V+ = 16.5 V, V- = - 16.5 V
VIN = 0 or 5 V
Full
15
100
100
µA
Negative Supply Current
I-
Room
Full
- 0.0001
- 1
- 5
- 1
- 5
Ground Current
IGND
Full
- 15
- 100
- 100


Similar Part No. - DG442DY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG442DY-E3 VISHAY-DG442DY-E3 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
DG442DY-E3 VISHAY-DG442DY-E3 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG442DY-E3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Intersil Corporation
DG201A INTERSIL-DG201A_01 Datasheet
230Kb / 7P
   Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com