Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG429DN-E3 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # DG429DN-E3
Description  Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG429DN-E3 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button DG429DN-E3 Datasheet HTML 6Page - Vishay Siliconix DG429DN-E3 Datasheet HTML 7Page - Vishay Siliconix DG429DN-E3 Datasheet HTML 8Page - Vishay Siliconix DG429DN-E3 Datasheet HTML 9Page - Vishay Siliconix DG429DN-E3 Datasheet HTML 10Page - Vishay Siliconix DG429DN-E3 Datasheet HTML 11Page - Vishay Siliconix DG429DN-E3 Datasheet HTML 12Page - Vishay Siliconix DG429DN-E3 Datasheet HTML 13Page - Vishay Siliconix DG429DN-E3 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Document Number: 70063
S11-1350–Rev. K, 04-Jul-11
www.vishay.com
11
Vishay Siliconix
DG428, DG429
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DETAILED DESCRIPTION
The internal structure of the DG428, DG429 includes a 5 V
logic interface with input protection circuitry followed by a
latch, level shifter, decoder and finally the switch constructed
with parallel n- and p-channel MOSFETs (see Figure 1).
The input protection on the logic lines A0, A1, A2, EN and
control lines WR, RS shown in Figure 1 minimizes
susceptibility to ESD that may be encountered during
handling and operational transients.
The logic interface is a CMOS logic input with its supply
voltage from an internal + 5 V reference voltage. The output
of the input inverter feeds the data input of a D type latch.
The level sensitive D latch continuously places the DX input
signal on the QX output when the WR input is low, resulting
in transparent latch operation. As soon as WR returns high
the latch holds the data last present on the Dn input, subject
to the "Minimum Input Timing Requirements" table.
Following the latches the Qn signals are level shifted and
decoded to provide proper drive levels for the CMOS
switches. This level shifting ensures full on/off switch
operation for any analog signal level between the V+ and
V- supply rails.
The EN pin is used to enable the address latches during the
WR pulse. It can be hard wired to the logic supply or to V+ if
one of the channels will always be used (except during a
reset) or it can be tied to address decoding circuitry for
memory mapped operation. The RS pin is used as a master
reset. All latches are cleared regardless of the state of any
other latch or control line. The WR pin is used to transfer the
state of the address control lines to their latches, except
during a reset or when EN is low (see Truth Tables).
APPLICATIONS HINTS
Bus Interfacing
The DG428, DG429 minimize the amount of interface
hardware between a microprocessor system bus and the
analog system being controlled or measured. The internal
TTL compatible latches give these multiplexers write-only
memory, that is, they can be programmed to stay in a
particular switch state (e.g., switch 1 on) until the
microprocessor determines it is necessary to turn different
switches on or turn all switches off (see Figure 10).
The input latches become transparent when WR is held low;
therefore, these multiplexers operate by direct command of
the coded switch state on A2, A1, A0. In this mode the DG428
is identical to the popular DG408. The same is true of the
DG429 versus the popular DG409.
During system power-up, RS would be low, maintaining all
eight switches in the off state. After RS returned high the
DG428 maintains all switches in the off state.
When the system program performs a write operation to the
address assigned to the DG428, the address decoder
provides a CS active low signal which is gated with the
WRITE (WR) control signal. At this time the data on the
DATA BUS (that will determine which switch to close) is
stabilizing. When the WR signal returns to the high state,
(positive edge) the input latches of the DG428 save the data
from the DATA BUS. The coded information in the A0, A1, A2
and EN latches is decoded and the appropriate switch is
turned on.
The EN latch allows all switches to be turned off under
program control. This becomes useful when two or more
DG428s
are
cascaded
to
build
16-line
and
larger
multiplexers.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see www.vishay.com/ppg?70063.
Figure 10. Bus Interface
Data Bus
RESET
Address
Decoder
Address
Bus
+ 5 V
V+
V-
D
+ 15 V
- 15 V
DG428
Processor
System
Bus
15 V
Analog
Inputs
Analog
Output
WR
RS
S1
S8
A0, A1, A2, EN
WRITE


Similar Part No. - DG429DN-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG429DN-E3 VISHAY-DG429DN-E3 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
More results

Similar Description - DG429DN-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com