Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG441BDY-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG441BDY-E3
Description  Improved Quad SPST CMOS Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441BDY-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG441BDY-E3 Datasheet HTML 1Page - Vishay Siliconix DG441BDY-E3 Datasheet HTML 2Page - Vishay Siliconix DG441BDY-E3 Datasheet HTML 3Page - Vishay Siliconix DG441BDY-E3 Datasheet HTML 4Page - Vishay Siliconix DG441BDY-E3 Datasheet HTML 5Page - Vishay Siliconix DG441BDY-E3 Datasheet HTML 6Page - Vishay Siliconix DG441BDY-E3 Datasheet HTML 7Page - Vishay Siliconix DG441BDY-E3 Datasheet HTML 8Page - Vishay Siliconix DG441BDY-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.vishay.com
2
Document Number: 72625
S11-1350-Rev. B, 04-Jul-11
Vishay Siliconix
DG441B, DG442B
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC Board.
c. Derate 6 mW/°C above 75 °C.
d. Derate 12 mW/°C above 75 °C.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
V+ to V-
44
V
GND to V-
25
Digital Inputsa, VS, VD
(V-) - 2 to (V+) + 2 or
30 mA, whichever occurs first
Continuous Current (Any Terminal)
30
mA
Current, S or D (Pulsed at 1 ms, 10 % duty cycle )
100
Storage Temperature
- 65 to 125
°C
Power Dissipation (Package)b
16-pin Plastic DIPc
470
mW
16-pin Narrow Body SOICd
900
QFN-16d
850


Similar Part No. - DG441BDY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG441BDY-E3 VISHAY-DG441BDY-E3 Datasheet
201Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG441BDY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_V01 Datasheet
201Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
DG444B VISHAY-DG444B_V01 Datasheet
199Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com