Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG441LDY-T1-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG441LDY-T1-E3
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441LDY-T1-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG441LDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG441LDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG441LDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG441LDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG441LDY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG441LDY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG441LDY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG441LDY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG441LDY-T1-E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.vishay.com
6
Document Number: 71399
S11-1066–Rev. E, 30-May-11
Vishay Siliconix
DG441L, DG442L
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RDS(on) vs. Drain Voltage
(Single Supply)
RDS(on) vs. Drain Voltage and Temperature
(Dual Supply)
Switching Time vs. Single Supply
0
20
40
60
80
100
03
69
12
VCC = 2.7 V
Drain Voltage (V)
VCC = 4.5 V
VCC = 12 V
Drain Voltage (V)
0
7
14
21
28
35
- 5- 3- 1
1
3
5
A
B
C
D
V ± = ± 5 V
A = 125 °C
B = 85 °C
C = 25 °C
D = - 40 °C
E = - 55 °C
E
0
10
20
30
40
50
036
9
12
V
Positive Supply Voltage (V)
tON
tOFF
±
15
RDS(on) vs. Drain Voltage and Temperature
(Single Supply)
Leakage Current vs. Analog Voltage
(Dual Supply)
Switching Time vs. Dual Supply
Drain Voltage (V)
B
A
D
0
10
20
30
40
50
012345
C
E
A =125 °C
B = 85 °C
C = 25 °C
D = - 40 °C
E = - 55 °C
V+ = 5 V
V - = 0 V
- 30
- 20
- 10
0
10
20
30
- 5
- 3
- 1
1
3
5
VD or VS – Drain-Source Voltage
V+ = 5 V
V- = - 5 V
ID(on)
ID(off)
IS(off)
0
9
18
27
36
45
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
tON
tOFF
V ± Positive Supply voltage (V)


Similar Part No. - DG441LDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG441LDY-T1-E3 VISHAY-DG441LDY-T1-E3 Datasheet
263Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG441LDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. D, 17-Mar-03
DG411L VISHAY-DG411L_11 Datasheet
180Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. F, 07-Feb-11
DG441L VISHAY-DG441L_V01 Datasheet
263Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com