Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG444 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG444
Description  Quad SPST CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG444 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG444_11 Datasheet HTML 1Page - Vishay Siliconix DG444_11 Datasheet HTML 2Page - Vishay Siliconix DG444_11 Datasheet HTML 3Page - Vishay Siliconix DG444_11 Datasheet HTML 4Page - Vishay Siliconix DG444_11 Datasheet HTML 5Page - Vishay Siliconix DG444_11 Datasheet HTML 6Page - Vishay Siliconix DG444_11 Datasheet HTML 7Page - Vishay Siliconix DG444_11 Datasheet HTML 8Page - Vishay Siliconix DG444_11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
4
Document Number: 70054
S11-0984-Rev. G, 23-May-11
Vishay Siliconix
DG444, DG445
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
RDS(on) vs. VD and Temperature
Charge Injection vs. Source Voltage
Source/Drain Leakage Currents
VD - Drain Voltage (V)
15
0
- 15
0
20
50
30
70
80
40
60
10
25 °C
85 °C
- 40 °C
0 °C
V+ = 15 V
V- = - 15 V
- 10
- 5
5
10
VS - Source Voltage (V)
10
0
- 10
- 30
- 10
20
0
40
50
10
30
- 20
- 5
5
CL = 1 nF
V+ = 15 V
V- = - 15 V
V+ = 12 V
V- = 0 V
VD or VS - Drain or Source Voltage (V)
15
0
- 15
- 100
- 80
- 40
- 20
- 60
0
20
- 10
- 5
5
10
IS(off) , ID(off)
ID(on)
V+ = 15 V
V- = - 15 V
For I(off), VD = - VS
Crosstak and Off Isolation vs. Frequency
Switching Threshold vs. Supply Voltage
Source/Drain Leakage Currents
(Single 12-V Supply)
f - Frequency (Hz)
0
- 20
- 40
- 80
- 100
- 60
- 120
- 140
V+ = 15 V
V- = - 15 V
Ref. 10 dBm
Off Isolation
Crosstalk
1K
10K
100K
1M
10M
100
VSUPPLY (V)
04
8
12
16
20
0
3
2
1
4
VL = 7 V
VL = 5 V
VD or VS - Drain or Source Voltage (V)
12
6
0
- 40
- 30
- 10
- 20
0
10
V+ = 12 V
V- = 0 V
For ID, VS = 0 V
For IS, VD = 0 V
IS(off), ID(off)
IS(on) + ID(on)
24
8
10


Similar Part No. - DG444_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG444B VISHAY-DG444B Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG444B VISHAY-DG444B Datasheet
199Kb / 13P
   Improved Quad SPST CMOS Analog Switches
08-Feb-17
DG444BDJ VISHAY-DG444BDJ Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG444BDJ VISHAY-DG444BDJ Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results

Similar Description - DG444_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Intersil Corporation
DG201A INTERSIL-DG201A_01 Datasheet
230Kb / 7P
   Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com