Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG412LDY-T1-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG412LDY-T1-E3
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412LDY-T1-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG412LDY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG412LDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG412LDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG412LDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG412LDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG412LDY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG412LDY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG412LDY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG412LDY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Document Number: 71397
S11-0179-Rev. F, 07-Feb-11
www.vishay.com
5
Vishay Siliconix
DG411L, DG412L, DG413L
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g. Leakage parameters are guaranteed by worst case test conditions and not subject to test.
SPECIFICATIONSa (Single Supply 5 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 5 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Temp.b
Typ.c
A Suffix Limits
- 55 °C to 125 °C
D Suffix Limits
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
5
5
V
Drain-Source On-Resistancee
RDS(on)
V+ = 4.5 V
IS = 5 mA, VD = 1 V, 3.5 V
Room
Full
35
50
88
50
75
Dynamic Characteristics
Turn-On Timee
tON
RL = 300 , CL = 35 pF
VS = 3.5 V, see figure 2
Room
Hot
27
50
90
50
60
ns
Turn-Off Timee
tOFF
Room
Hot
15
30
55
30
40
Break-Before-Make Time
Delaye
tD
DG413L only, VS = 3.5 V
RL = 300 , CL = 35 pF
Room
6
Charge Injectione
QVg = 0 V, Rg = 0 , CL = 10 nF
Room
0.5
pC
Power Supplies
Positive Supply Currente
I+
VIN = 0 or 5 V
Room
Hot
0.02
1
7.5
1
5
µA
Negative Supply Currente
I-
Room
Hot
- 0.002
- 1
- 7.5
- 1
- 5
Logic Supply Currente
IL
Room
Hot
0.002
1
7.5
1
5
Ground Currente
IGND
Room
Hot
- 0.002
- 1
- 7.5
- 1
- 5


Similar Part No. - DG412LDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG412LDY-T1-E3 VISHAY-DG412LDY-T1-E3 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
More results

Similar Description - DG412LDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 30-May-11
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. D, 17-Mar-03
DG441L VISHAY-DG441L_V01 Datasheet
263Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com