Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG428DJ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG428DJ
Description  Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG428DJ Datasheet(HTML) 2 Page - Vishay Siliconix

  DG428DJ Datasheet HTML 1Page - Vishay Siliconix DG428DJ Datasheet HTML 2Page - Vishay Siliconix DG428DJ Datasheet HTML 3Page - Vishay Siliconix DG428DJ Datasheet HTML 4Page - Vishay Siliconix DG428DJ Datasheet HTML 5Page - Vishay Siliconix DG428DJ Datasheet HTML 6Page - Vishay Siliconix DG428DJ Datasheet HTML 7Page - Vishay Siliconix DG428DJ Datasheet HTML 8Page - Vishay Siliconix DG428DJ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number: 70063
S11-1350–Rev. K, 04-Jul-11
Vishay Siliconix
DG428, DG429
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic "0" = VAL 0.8 V
Logic "1" = VAH 2.4 V
X = Don’t Care
DG429
DG429
WR
Da
RS
Db
A0
A1
EN
GND
V-
V+
S1a
S1b
S2a
S2b
S3a
S3b
S4a
S4b
Dual-In-Line and SOIC
Decoders/Drivers
1
2
3
4
5
6
7
8
18
17
16
15
14
13
12
11
Top View
910
Latches
EN
GND
V-
VDD
S1a
S1b
S2a
S2b
S3a
S3b
PLCC
14
15
16
17
18
8
7
6
5
4
1
2
319
20
11
10
913
12
Top View
Latches
Decoders/Drivers
TRUTH TABLE - DG428
8-Channel Single-Ended Multiplexer
A2
A1
A0
EN
WR
RS
On Switch
Latching
X
X
X
X
1
Maintains previous
switch condition
Reset
X
X
X
X
X
0
None (latches
cleared)
Transparent Operation
X
X
X
0
0
1
None
0
0
0
1
0
1
1
0
0
1
1
0
1
2
0
1
0
1
0
1
3
0
1
1
1
0
1
4
1
0
0
1
0
1
5
1
0
1
1
0
1
6
1
1
0
1
0
1
7
1
1
1
1
0
1
8
TRUTH TABLE - DG429
Differential 4-Channel Multiplexer
A1
A0
EN
WR
RS
On Switch
Latching
X
X
X
1
Maintains previous
switch condition
Reset
X
X
X
X
0
None (latches
cleared)
Transparent Operation
X
X
0
0
1
None
0
0
1
0
1
1
0
1
1
0
1
2
1
0
1
0
1
3
1
1
1
0
1
4
ORDERING INFORMATION - DG428
Temp Range
Package
Part Number
- 40 °C to 85 °C
18-pin Plastic DIP
DG428DJ
DG428DJ-E3
20-pin PLCC
DG428DN
DG428DN-E3
ORDERING INFORMATION - DG429
Temp Range
Package
Part Number
- 40 °C to 85 °C
18-pin Plastic DIP
DG429DJ
DG429DJ-E3
20-pin PLCC
DG429DN
DG429DN-E3
18-pin Widebody SOIC
DG429DW
DG429DW-E3


Similar Part No. - DG428DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG428DJ VISHAY-DG428DJ Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428DJ VISHAY-DG428DJ Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG428DJ-E3 VISHAY-DG428DJ-E3 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
More results

Similar Description - DG428DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com