Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG411DQ-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG411DQ-E3
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG411DQ-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG411DQ-E3 Datasheet HTML 1Page - Vishay Siliconix DG411DQ-E3 Datasheet HTML 2Page - Vishay Siliconix DG411DQ-E3 Datasheet HTML 3Page - Vishay Siliconix DG411DQ-E3 Datasheet HTML 4Page - Vishay Siliconix DG411DQ-E3 Datasheet HTML 5Page - Vishay Siliconix DG411DQ-E3 Datasheet HTML 6Page - Vishay Siliconix DG411DQ-E3 Datasheet HTML 7Page - Vishay Siliconix DG411DQ-E3 Datasheet HTML 8Page - Vishay Siliconix DG411DQ-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
DG411, DG412, DG413
Document Number: 70050
S11-1185-Rev. G, 13-Jun-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Monolithic Quad SPST CMOS Analog Switches
DESCRIPTION
The DG411 series of monolithic quad analog switches was
designed to provide high speed, low error switching of
precision analog signals. Combining low power (0.35 µW)
with high speed (tON: 110 ns), the DG411 family is ideally
suited for portable and battery powered industrial and military
applications.
To achieve high-voltage ratings and superior switching
performance, the DG411 series was built on Vishay
Siliconix’s high voltage silicon gate process. An epitaxial
layer prevents latchup.
Each switch conducts equally well in both directions when
on, and blocks input voltages up to the supply levels when
off.
The DG411, DG412 respond to opposite control logic as
shown in the Truth Table. The DG413 has two normally open
and two normally closed switches.
FEATURES
Halogen-free according to IEC 61249-2-21
Definition
44 V supply max. rating
± 15 V analog signal range
On-resistance - RDS(on): 25 
Fast switching - tON: 110 ns
Ultra low power - PD: 0.35 µW
TTL, CMOS compatible
Single supply capability
Compliant to RoHS Directive 2002/95/EC
BENEFITS
Widest dynamic range
Low signal errors and distortion
Break-bevor-make switching action
Simple interfacing
APPLICATIONS
Precision automatic test equipment
Precision data acquisition
Communication systems
Battery powered systems
Computer peripherals
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic “0”
0.8 V
Logic “1”
2.4 V
Logic “0”
0.8 V
Logic “1”
2.4 V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
VL
S4
S3
D4
D3
IN4
IN3
Dual-In-Line and SOIC
Top View
S1
S2
V-
V+
NC
NC
GND
VL
S4
S3
LCC
NC IN3 D3
D4 IN4
NC IN2 D2
D1 IN1
Key
910
11
12
13
4
5
6
7
8
1
2
320
19
14
15
16
17
18
DG411
DG411
TRUTH TABLE
Logic
DG411
DG412
0
ON
OFF
1OFF
ON
Top View
S1
S2
V-
V+
NC
NC
GND
VL
S4
S3
LCC
NC
IN3
D3
D4
IN4
NC
IN2
D2
D1
IN1
Key
910
11
12
13
4
5
6
7
8
1
2
320
19
14
15
16
17
18
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
VL
S4
S3
D4
D3
IN4
IN3
Dual-In-Line and SOIC
DG413
DG413
TRUTH TABLE
Logic
SW1, SW4
SW2, SW3
0
OFF
ON
1ON
OFF


Similar Part No. - DG411DQ-E3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG411DJ MAXIM-DG411DJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
logo
Intersil Corporation
DG411DJ INTERSIL-DG411DJ Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG411DJ VISHAY-DG411DJ Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
logo
Intersil Corporation
DG411DJ INTERSIL-DG411DJ Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG411DJ VISHAY-DG411DJ Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
More results

Similar Description - DG411DQ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com