Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG417DJ Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG417DJ
Description  Precision CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417DJ Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG417DJ Datasheet HTML 2Page - Vishay Siliconix DG417DJ Datasheet HTML 3Page - Vishay Siliconix DG417DJ Datasheet HTML 4Page - Vishay Siliconix DG417DJ Datasheet HTML 5Page - Vishay Siliconix DG417DJ Datasheet HTML 6Page - Vishay Siliconix DG417DJ Datasheet HTML 7Page - Vishay Siliconix DG417DJ Datasheet HTML 8Page - Vishay Siliconix DG417DJ Datasheet HTML 9Page - Vishay Siliconix DG417DJ Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.vishay.com
6
Document Number: 70051
S10-1528-Rev. G, 19-Jul-10
Vishay Siliconix
DG417, DG418, DG419
TYPICAL CHARACTERISTICS 2
5 °C, unless otherwise noted
Switching Time vs. Temperature
Switching Time vs. Supply Voltages
Power Supply Currents vs. Switching Frequency
Temperature (°C)
120
100
80
20
0
- 55 - 40
- 20
0
20
40
60
80
100
120
40
60
V+ = 15 V, V- = - 15 V
VL = 5 V, VIN = 3 V Pulse
tOFF
tON
± 10
± 11
± 12
± 13
± 14
± 15
± 16
80
70
60
50
40
V- = 0 V
VL = 5 V
VIN = 3 V
tOFF
tON
Supply Voltage (V)
f - Frequency (Hz)
100
10 k
1M
10M
V+ = 15 V, V- = - 15 V
VL = 5 V, VIN = 5 V, 50 % D-Cycle
I+, I-
IL
10 mA
1 mA
100 µA
10 µA
1 µA
100 nA
1 k
100 k
Crosstalk and Off Isolation vs. Frequency
Switching Time vs. V+
Supply Current vs. Temperature
f - Frequency (Hz)
100
140
120
100
0
80
60
40
20
DG417/418/419
Source 2
DG419
Source 1
10 k
1M
100M
V+ = 15 V
V- = - 15 V
VL = 5 V
1 k
100 k
10M
130
120
100
50
30
10
11
12
13
14
15
16
110
90
40
60
80
70
V- = 0 V
VL = 5 V
VIN = 3 V
tOFF
tON
V+ Supply Voltage (V)
Temperature (°C)
- 55 - 40
120
100 nA
10 nA
1 nA
0.1 pA
100 pA
10 pA
1 pA
- 20
0
20
40
60
80
100
I+, I-
1 µA
V+ = 16.5 V, V- = - 16.5 V
VL = 5 V, VIN = 0 V
IGND


Similar Part No. - DG417DJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG417DJ MAXIM-DG417DJ Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
TEMIC Semiconductors
DG417DJ TEMIC-DG417DJ Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417DJ VISHAY-DG417DJ Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG417DJ-E3 VISHAY-DG417DJ-E3 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
More results

Similar Description - DG417DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com