Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG419 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG419
Description  Precision CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG419 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG419 Datasheet HTML 3Page - Vishay Siliconix DG419 Datasheet HTML 4Page - Vishay Siliconix DG419 Datasheet HTML 5Page - Vishay Siliconix DG419 Datasheet HTML 6Page - Vishay Siliconix DG419 Datasheet HTML 7Page - Vishay Siliconix DG419 Datasheet HTML 8Page - Vishay Siliconix DG419 Datasheet HTML 9Page - Vishay Siliconix DG419 Datasheet HTML 10Page - Vishay Siliconix DG419 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Document Number: 70051
S10-1528-Rev. G, 19-Jul-10
www.vishay.com
7
Vishay Siliconix
DG417, DG418, DG419
TEST CIRCUITS
VO is the steady state output with the switch on.
Figure 2. Switching Time (DG417, DG418)
CL (includes fixture and stray capacitance)
RL
RL + rDS(on)
VO = VS
V-
IN
S
D
CL
35 pF
- 15 V
VL
GND
VO
± 10 V
V+
RL
300
+ 15 V
+ 5 V
0 V
Logic
Input
Switch
Input
Switch
Output
3 V
50 %
0 V
VO
VS
tr < 20 ns
tf < 20 ns
tOFF
tON
90 %
Note:
Logic input waveform is inverted for switches that have the
opposite logic sense.
Figure 3. Break-Before-Make (DG419)
IN
VL
VS1
D
V-
VS2
S2
V+
S1
- 15 V
GND
+ 15 V
+ 5 V
CL
35 pF
VO
RL
300
CL (includes fixture and stray capacitance)
0 V
3 V
0 V
Logic
Input
Switch
Output
VO
VS1 = VS2
tr < 20 ns
tf < 20 ns
90 %
tD
tD
Figure 4. Transition Time (DG419)
CL (includes fixture and stray capacitance)
VL
RL
RL + rDS(on)
VO = VS
V-
V+
IN
CL
35 pF
RL
300
D
VO
S2
S1
VS2
VS1
- 15 V
GND
+ 15 V
+ 5 V
0 V
3 V
50 %
Logic
Input
Switch
Output
VS1
tr < 20 ns
tf < 20 ns
10 %
tTRANS
90 %
V01
VS2
V02
tTRANS


Similar Part No. - DG419

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DG419 AD-DG419 Datasheet
91Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
DG419 AD-DG419 Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
logo
Maxim Integrated Produc...
DG419 MAXIM-DG419 Datasheet
170Kb / 12P
   Improved, SPST/SPDT Analog Switches
19-0114; Rev 2; 12/96
logo
Vishay Siliconix
DG419 VISHAY-DG419 Datasheet
106Kb / 10P
   DG419
Rev. E, 06-Sep-99
DG419 VISHAY-DG419 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
More results

Similar Description - DG419

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com