Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG413 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG413
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG413 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG413 Datasheet HTML 1Page - Vishay Siliconix DG413 Datasheet HTML 2Page - Vishay Siliconix DG413 Datasheet HTML 3Page - Vishay Siliconix DG413 Datasheet HTML 4Page - Vishay Siliconix DG413 Datasheet HTML 5Page - Vishay Siliconix DG413 Datasheet HTML 6Page - Vishay Siliconix DG413 Datasheet HTML 7Page - Vishay Siliconix DG413 Datasheet HTML 8Page - Vishay Siliconix DG413 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 70050
S11-1185-Rev. G, 13-Jun-11
www.vishay.com
3
Vishay Siliconix
DG411, DG412, DG413
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Specified
V + = 15 V, V - = - 15 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Temp.b
Typ.c
A Suffix
- 55 °C to 125 °C
D Suffix
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 15
15
- 15
15
V
Drain-Source
On-Resistance
RDS(on)
V + = 13.5 V, V - = - 13.5 V
IS = - 10 mA, VD = ± 8.5 V
Room
Full
25
35
45
35
45
Switch Off Leakage
Current
IS(off)
V + = 16.5, V - = - 16.5 V
VD = ± 15.5 V, VS = ± 15.5 V
Room
Full
± 0.1
- 0.25
- 20
0.25
20
- 0.25
- 5
0.25
5
nA
ID(off)
Room
Full
± 0.1
- 0.25
- 20
0.25
20
- 0.25
- 5
0.25
5
Channel On Leakage
Current
ID(on)
V + = 16.5 V, V - = - 16.5 V
VS = VD = ± 15.5 V
Room
Full
± 0.1
- 0.4
- 40
0.4
40
- 0.4
- 10
0.4
10
Digital Control
Input Current, VIN Low
IIL
VIN under test = 0.8 V
Full
0.005
- 0.5
0.5
- 0.5
0.5
µA
Input Current, VIN High
IIH
VIN under test = 2.4 V
Full
0.005
- 0.5
0.5
- 0.5
0.5
Dynamic Characteristics
Turn-On Time
tON
RL = 300 , CL = 35 pF
VS = ± 10 V, see figure 2
Room
Full
110
175
240
175
220
ns
Turn-Off Time
tOFF
Room
Full
100
145
160
145
160
Break-Before-Make
Time Delay
tD
DG413 only, VS = 10 V
RL = 300 , CL = 35 pF
Room
25
Charge Injection
Q
Vg = 0 V, Rg = 0 
CL = 10 nF
Room
5
pC
Off Isolatione
OIRR
RL = 50 CL = 5 pF,
f = 1 MHz
Room
68
dB
Channel-to-Channel
Crosstalke
XTALK
Room
85
Source Off Capacitancee
CS(off)
f = 1 MHz
Room
9
pF
Drain Off Capacitancee
CD(off)
Room
9
Channel On
Capacitancee
CD(on)
Room
35
Power Supplies
Positive Supply Current
I+
V + = 16.5 V, V - = - 16.5 V
VIN = 0 V or 5 V
Room
Full
0.0001
1
5
1
5
µA
Negative Supply Current
I-
Room
Full
- 0.0001
- 1
- 5
- 1
- 5
Logic Supply Current
IL
Room
Full
0.0001
1
5
1
5
Ground Current
IGND
Room
Full
- 0.0001
- 1
- 5
- 1
- 5


Similar Part No. - DG413

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG413 INTERSIL-DG413 Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG413 INTERSIL-DG413 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG413 VISHAY-DG413 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
logo
Intersil Corporation
DG413 INTERSIL-DG413 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG413 VISHAY-DG413 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
More results

Similar Description - DG413

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com