Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG408DY-E3 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # DG408DY-E3
Description  8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408DY-E3 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button DG408DY-E3 Datasheet HTML 7Page - Vishay Siliconix DG408DY-E3 Datasheet HTML 8Page - Vishay Siliconix DG408DY-E3 Datasheet HTML 9Page - Vishay Siliconix DG408DY-E3 Datasheet HTML 10Page - Vishay Siliconix DG408DY-E3 Datasheet HTML 11Page - Vishay Siliconix DG408DY-E3 Datasheet HTML 12Page - Vishay Siliconix DG408DY-E3 Datasheet HTML 13Page - Vishay Siliconix DG408DY-E3 Datasheet HTML 14Page - Vishay Siliconix DG408DY-E3 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Document Number: 70062
www.vishay.com
S11-0933-Rev. J, 16-May-11
11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DG408, DG409
Vishay Siliconix
APPLICATION HINTS
Overvoltage Protection
A very convenient form of overvoltage protection consists of
adding two small signal diodes (1N4148, 1N914 type) in
series with the supply pins (see figure 10). This arrangement
effectively blocks the flow of reverse currents. It also floats
the supply pin above or below the normal V+ or V- value. In
this case the overvoltage signal actually becomes the power
supply of the IC. From the point of view of the chip, nothing
has changed, as long as the difference VS - (V-) does not
exceed + 44 V. The addition of these diodes will reduce the
analog signal range to 1 V below V+ and 1 V above V-, but it
preserves the low channel resistance and low leakage
characteristics.
Fig. 10 - Overvoltage Protection Using Blocking Diodes
Fig. 11
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?70062.
1N4148
DG408
D
V-
V+
1N4148
SX
Vg
EN
A0
A1
+ 15 V
(MUX On-Off Control)
Analog
Inputs
(Outputs)
Clock
In
NC
Enable In
Analog
Output
(Input)
+ 15 V
- 15 V
DG408
D
EN
GND
DM7493
V+
V-
NC
GND
+ 15 V
Analog
Inputs
(Outputs)
Analog
Outputs
(Inputs)
+ 15 V
- 15 V
DG409
GND
V+
V-
Differential
Differential
Clock
In
NC
GND
+ 15 V
NC
6
Reset Enable
J
K
CLK
J
K
CLK
CLEAR
CLEAR
Q
S5
S7
S6
S8
S1
S3
S2
S4
S1a
S3a
S2a
S4a
S1b
S3b
S2b
S4b
Da
Db
A0
A1
A2
BIN
AIN
r01
r02
QB
QC
QD
QA
1/2 MM74C73
1/2 MM74C73
Q
Q
Q
8-Channel Sequential Multiplexer/Demultiplexer
Differential 4-Channel Sequential Multiplexer/Demultiplexer


Similar Part No. - DG408DY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408DY-E3 VISHAY-DG408DY-E3 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
More results

Similar Description - DG408DY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408_10 Datasheet
148Kb / 13P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 05-Jul-10
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com