Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S16L60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S16L60
Description  Super Fast Recovery Rectifiers(600V 16A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S16L60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S16L60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S16L60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S16L60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S16L60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S16L60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd S16L60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S16L60
600V 16A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
(Unit : mm)
RATINGS
SHINDENGEN
Case : MTO-3P
High Voltage
trr100ns
Small θ jc
FEATURES
APPLICATION
PFC
Switching power supply
Free Wheel
Home Appliances, Office Equipment,
Factory Automation
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
Operating Junction Temperature
Tj
150
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Tc=122℃
16
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
300
A
Mounting Torque
TOR
(Recommended torque:
0.5N・m)
0.8
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=16A,
Pulse measurement
Max.1.5
V
Reverse Current
IR
VR=VRM,
Pulse measurement
Max.25
μA
Reverse Recovery Time
trr
IF=0.5A,  I R=1A
Max.100
ns
Thermal Resistance
θjc
junction to case
Max.1.1
℃/W
Super Fast Recovery Rectifiers
Single


Similar Part No. - S16L60

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
S16LC03-8 SMC-S16LC03-8 Datasheet
151Kb / 4P
   SO-16
S16LC05-8 SMC-S16LC05-8 Datasheet
151Kb / 4P
   SO-16
S16LC12-8 SMC-S16LC12-8 Datasheet
151Kb / 4P
   SO-16
S16LC15-8 SMC-S16LC15-8 Datasheet
151Kb / 4P
   SO-16
S16LC24-8 SMC-S16LC24-8 Datasheet
151Kb / 4P
   SO-16
More results

Similar Description - S16L60

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
FEP16AT TAITRON-FEP16AT Datasheet
158Kb / 5P
   16A Super Fast Recovery Rectifiers
logo
Frontier Electronics.
SF1605FCT FRONTIER-SF1605FCT Datasheet
1Mb / 2P
   16A SUPER FAST RECOVERY RECTIFIER 50V-600V
FR1605CT FRONTIER-FR1605CT Datasheet
438Kb / 2P
   16A FAST RECOVERY RECTIFIERS
logo
Shindengen Electric Mfg...
SF10L60U SHINDENGEN-SF10L60U Datasheet
333Kb / 6P
   Super Fast Recovery Rectifiers(600V 10A)
SF8L60 SHINDENGEN-SF8L60 Datasheet
375Kb / 6P
   Super Fast Recovery Rectifiers(600V 8A)
DF10L60 SHINDENGEN-DF10L60 Datasheet
388Kb / 6P
   Super Fast Recovery Rectifiers(600V 10A)
S20L60 SHINDENGEN-S20L60 Datasheet
389Kb / 6P
   Super Fast Recovery Rectifiers(600V 20A)
S3L60 SHINDENGEN-S3L60 Datasheet
434Kb / 7P
   Super Fast Recovery Rectifiers(600V 2.2A)
D30L60 SHINDENGEN-D30L60 Datasheet
412Kb / 6P
   Super Fast Recovery Rectifiers(600V 30A)
D5L60 SHINDENGEN-D5L60 Datasheet
463Kb / 7P
   Super Fast Recovery Rectifiers(600V 5A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com