Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG401BDJ-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG401BDJ-E3
Description  Low-Power, High-Speed CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG401BDJ-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG401BDJ-E3 Datasheet HTML 1Page - Vishay Siliconix DG401BDJ-E3 Datasheet HTML 2Page - Vishay Siliconix DG401BDJ-E3 Datasheet HTML 3Page - Vishay Siliconix DG401BDJ-E3 Datasheet HTML 4Page - Vishay Siliconix DG401BDJ-E3 Datasheet HTML 5Page - Vishay Siliconix DG401BDJ-E3 Datasheet HTML 6Page - Vishay Siliconix DG401BDJ-E3 Datasheet HTML 7Page - Vishay Siliconix DG401BDJ-E3 Datasheet HTML 8Page - Vishay Siliconix DG401BDJ-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Document Number: 73069
S11-0179-Rev. B, 07-Feb-11
www.vishay.com
5
Vishay Siliconix
DG401B, DG403B, DG405B
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RON vs. Analog Voltage and Supply Voltage
RON vs. Analog Voltage and Temperature
Leakage Current vs. Temperature
10
15
20
25
30
35
40
45
50
55
60
- 25 - 20 - 15 - 10
- 5
0
5
10
15
20
25
VD - Analog Voltage (V)
VCC = ± 6 V
VCC = ± 10 V
VCC = ± 12 V
VCC = ± 15 V
VCC = ± 20 V
VCC = ± 22 V
10
15
20
25
30
35
40
45
50
55
60
- 15
- 10
- 5
5
010
15
VD - Analog Voltage (V)
VCC = ± 15 V
IS = 10 mA
125 °C
85 °C
25 °C
0 °C
- 40 °C
- 55 °C
- 55
- 25
5
35
65
95
125
Temperature (°C)
1
10
100
1000
10 000
IS(off)
ID(on)
ID(off)
RON vs. Analog Voltage and Single Supply Voltage
Leakage Current vs. Analog Voltage
Switching Time vs. Supply Voltage
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
VD - Analog Voltage (V)
VCC = 7.5 V
VCC = 10 V
VCC = 12 V
VCC = 15 V
VCC = 20 V
VCC = 22 V
- 100
- 80
- 60
- 40
- 20
0
20
40
60
80
100
- 15
- 5
1
55
VD - Analog Voltage (V)
V+ = 15 V
V- = - 15 V
For ID(off), VS = 0 V
For IS(off), VD = 0 V
ID(on)
ID(off)
IS(off)
0
25
50
75
100
125
150
Supply Voltage (V)
t(on), VS = + 5 V
t(on), VS = - 5 V
t(off), VS = - 5 V
t(off), VS = + 5 V
0
± 5
± 10
± 15
± 20
± 25


Similar Part No. - DG401BDJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401BDJ-E3 VISHAY-DG401BDJ-E3 Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
More results

Similar Description - DG401BDJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com