Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG405DY-T1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG405DY-T1
Description  Low-Power, High-Speed CMOS Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG405DY-T1 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG405DY-T1 Datasheet HTML 1Page - Vishay Siliconix DG405DY-T1 Datasheet HTML 2Page - Vishay Siliconix DG405DY-T1 Datasheet HTML 3Page - Vishay Siliconix DG405DY-T1 Datasheet HTML 4Page - Vishay Siliconix DG405DY-T1 Datasheet HTML 5Page - Vishay Siliconix DG405DY-T1 Datasheet HTML 6Page - Vishay Siliconix DG405DY-T1 Datasheet HTML 7Page - Vishay Siliconix DG405DY-T1 Datasheet HTML 8Page - Vishay Siliconix DG405DY-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Document Number: 70049
S09-2561-Rev. I, 30-Nov-09
www.vishay.com
5
Vishay Siliconix
DG401, DG403, DG405
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Input Switching Threshold vs. Logic Supply Voltage
RDS(on) vs. VD and Temperature
RDS(on) vs. VD and Power Supply Voltage (V- = 0 V)
VL - Logic Supply (V)
0
1
2
3
4
5
6
7
0
2
4
6
8
1012
141618
SW1, 2
SW3, 4
V+ = 15 V
V- = -15 V
VD - Drain Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
- 15
- 10
- 5
0
5
10
15
V+ = 15 V, V- = - 15 V
VL = 5 V
85 °C
25 °C
0 °C
- 40 °C
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
VD - Drain Voltage (V)
TA = 25 °C
7.5 V
10 V
12 V
15 V
20 V
22 V
Input Switching Threshold vs. Supply Voltages
RDS(on) vs. VD and Power Supply Voltage
Charge Injection vs. Analog Voltage
0
0.5
1
1.5
2
2.5
3
3.5
510
15
20
25
30
35
VL = 7 V
VL = 5 V
(V+)
- 25
- 15
26
- 5
5
15
VD - Drain Voltage (V)
TA = 25 °C
±6 V
± 10 V
± 12 V
± 15 V
± 20 V
± 22 V
10
30
20
40
50
60
VS - Source Voltage (V)
- 30
- 20
- 10
0
10
20
30
40
50
- 15
- 10
- 5
0
5
10
15
100 pF
CL = 10 nF
1 nF


Similar Part No. - DG405DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG405DY-T1 VISHAY-DG405DY-T1 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG405DY-T1-E3 VISHAY-DG405DY-T1-E3 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
More results

Similar Description - DG405DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com