Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG401BDY-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG401BDY-T1
Description  Low-Power, High-Speed CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG401BDY-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG401BDY-T1 Datasheet HTML 1Page - Vishay Siliconix DG401BDY-T1 Datasheet HTML 2Page - Vishay Siliconix DG401BDY-T1 Datasheet HTML 3Page - Vishay Siliconix DG401BDY-T1 Datasheet HTML 4Page - Vishay Siliconix DG401BDY-T1 Datasheet HTML 5Page - Vishay Siliconix DG401BDY-T1 Datasheet HTML 6Page - Vishay Siliconix DG401BDY-T1 Datasheet HTML 7Page - Vishay Siliconix DG401BDY-T1 Datasheet HTML 8Page - Vishay Siliconix DG401BDY-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number: 73069
S11-0179-Rev. B, 07-Feb-11
Vishay Siliconix
DG401B, DG403B, DG405B
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Four SPST Switches in Two Pairs per Package
Logic “0”
0.8 V
Logic “1”
2.4 V
Four SPST Switches in Two Pairs per Package
Logic “0”
0.8 V
Logic “1”
2.4 V
DG403B
D1
S1
NC
Dual-In-Line and SOIC
IN1
D3
V-
S3
GND
S4
NC
D4
V+
NC
IN2
D2
S2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
TRUTH TABLE
Logic
SW1, SW2
SW3, SW4
0
OFF
ON
1ON
OFF
DG405B
D1
S1
NC
Dual-In-Line and SOIC
IN1
D3
V-
S3
GND
S4
NC
D4
V+
NC
IN2
D2
S2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
TRUTH TABLE
Logic
Switch
0
OFF
1ON
ORDERING INFORMATION
Standard
Commercial
Part Number
Lead (Pb)-free
Commercial
Part Number
Package
Temperature
Range
DG401BDJ
DG401BDJ-E3
16-Pin Plastic Dip
- 40 to 85 °C
DG403BDJ
DG403BDJ-E3
DG405BDJ
DG405BDJ-E3
DG401BDY
DG401BDY-E3
16-Pin Narrow SOIC
DG403BDY
DG403BDY-E3
DG405BDY
DG405BDY-E3
DG401BDY-T1
DG401BDY-T1-E3
16-Pin Narrow SOIC With Tape and
Reel
DG403BDY-T1
DG403BDY-T1-E3
DG405BDY-T1
DG405BDY-T1-E3


Similar Part No. - DG401BDY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401BDY-T1 VISHAY-DG401BDY-T1 Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401BDY-T1-E3 VISHAY-DG401BDY-T1-E3 Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
More results

Similar Description - DG401BDY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com