Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S15WB60 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # S15WB60
Description  Bridge Diode(600V 15A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S15WB60 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  S15WB60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S15WB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S15WB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S15WB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S15WB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd S15WB60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Forward Voltage
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
S15WBx
Tc=150
°C [TYP]
Tc=25
°C [TYP]
Pulse measurement per diode
Forward Voltage VF [V]


Similar Part No. - S15WB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15WB60 SHINDENGEN-S15WB60_17 Datasheet
431Kb / 4P
   Square In-line Package (Input/Output In-line Package)
More results

Similar Description - S15WB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15VB60 SHINDENGEN-S15VB60 Datasheet
262Kb / 5P
   Bridge Diode(600V 15A)
S15VT60 SHINDENGEN-S15VT60 Datasheet
271Kb / 5P
   3 Phase Bridge Diode(600V 15A)
S15VTA60 SHINDENGEN-S15VTA60 Datasheet
272Kb / 5P
   3 Phase Bridge Diode(600V 15A)
logo
Fairchild Semiconductor
ISL9R1560G2 FAIRCHILD-ISL9R1560G2 Datasheet
167Kb / 6P
   15A, 600V Stealth??Diode
ISL9R1560PF2 FAIRCHILD-ISL9R1560PF2 Datasheet
138Kb / 6P
   15A, 600V Stealth Diode
ISL9R1560S3S FAIRCHILD-ISL9R1560S3S Datasheet
131Kb / 7P
   15A, 600V Stealth??Diode
RUR1S1560S FAIRCHILD-RUR1S1560S Datasheet
112Kb / 5P
   15A, 600V Ultrafast Diode
logo
Shindengen Electric Mfg...
S15VB20 SHINDENGEN-S15VB20 Datasheet
262Kb / 5P
   Bridge Diode(200V 15A)
S15WB20 SHINDENGEN-S15WB20 Datasheet
310Kb / 6P
   Bridge Diode(200V 15A)
logo
Fairchild Semiconductor
ISL9K1560G3 FAIRCHILD-ISL9K1560G3 Datasheet
146Kb / 6P
   15A, 600V Stealth??Dual Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com