Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11867FV Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB11867FV
Description  For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11867FV Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB11867FV Datasheet HTML 1Page - Sanyo Semicon Device LB11867FV Datasheet HTML 2Page - Sanyo Semicon Device LB11867FV Datasheet HTML 3Page - Sanyo Semicon Device LB11867FV Datasheet HTML 4Page - Sanyo Semicon Device LB11867FV Datasheet HTML 5Page - Sanyo Semicon Device LB11867FV Datasheet HTML 6Page - Sanyo Semicon Device LB11867FV Datasheet HTML 7Page - Sanyo Semicon Device LB11867FV Datasheet HTML 8Page - Sanyo Semicon Device LB11867FV Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
11911 SY/O1007 MS/50907 MS PC 20070228-S00004 No.A0730-1/9
LB11867FV
Overview
LB11867FV is a single-phase bipolar driving motor pre-driver with the variable speed function compatible with external
PWM signal. With a few external parts, a highly-efficient and highly-silent variable drive fan motor with low power
consumption can be achieved. This product is best suited for driving of the server requiring large air flow and large current
and the fan motor of consumer appliances.
Features
• Single-phase full-wave driving pre-driver
⇒ Low-saturation drive using external PMOS-NMOS enables high-efficiency low power-consumption drive.
• Variable speed control possible with external PWM input
⇒ Separately-excited upper direct PWM (f =30kHz) control method ensures highly silent speed control.
• Current limiting circuit incorporated
⇒ Chopper type current limiting made at startup and during lock.
• Reactive current cut circuit incorporated
⇒ Reactive current before phase changeover is cut, ensuring highly silent and low power-consumption drive.
• Minimum speed setting pin
⇒ Minimum speed can be set by setting the resistance.
• Soft start setting pin
• Lock protection and automatic reset circuits incorporated
• FG (rotation speed detection) output
• Thermal shutdown circuit incorporated
Monolithic Digital IC
For Fan Motor
Variable Speed Single-phase
Full-wave Pre-driver
Ordering number : ENA0730B


Similar Part No. - LB11867FV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV Datasheet
91Kb / 9P
   Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11867FV ONSEMI-LB11867FV Datasheet
196Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11867FV ONSEMI-LB11867FV Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11867FV-MPB-E ONSEMI-LB11867FV-MPB-E Datasheet
196Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11867FV-MPB-E ONSEMI-LB11867FV-MPB-E Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
More results

Similar Description - LB11867FV

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11967V-TLM-E ONSEMI-LB11967V-TLM-E Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967_18 Datasheet
199Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com