Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG401DY-T1-E3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG401DY-T1-E3
Description  Low-Power, High-Speed CMOS Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG401DY-T1-E3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG401DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG401DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG401DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG401DY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG401DY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix DG401DY-T1-E3 Datasheet HTML 10Page - Vishay Siliconix DG401DY-T1-E3 Datasheet HTML 11Page - Vishay Siliconix DG401DY-T1-E3 Datasheet HTML 12Page - Vishay Siliconix DG401DY-T1-E3 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Document Number: 70049
S09-2561-Rev. I, 30-Nov-09
www.vishay.com
9
Vishay Siliconix
DG401, DG403, DG405
TEST CIRCUITS
Figure 5. Off Isolation
Figure 6. Insertion Loss
RL
100
Ω
D
0 V, 2.4 V
V+
Rg = 50 Ω
- 15 V
GND
V-
C
VS
Off Isolation = 20 log
VS
VO
IN
VL
VO
+ 5 V
C
+ 15 V
S
C
C = RF bypass
RL
100
Ω
S
VS
VO
0 V, 2.4 V
IN
VL
D
Rg = 50 Ω
+ 5 V
- 15 V
GND
V-
C
C
+ 15 V
V+
C
C = RF bypass
Figure 7. Crosstalk
Figure 8. Capacitances
Rg = 50 Ω
IN
0.8 V
VL
V+
V-
XTALK Isolation = 20 log
VS
VO
GND
S2
VS
VO
S1
RL
D
C = RF bypass
50
Ω
+ 15 V
- 15 V
C
C
+ 5 V
C
D
f = 1 MHz
IN
S
VL
V+
- 15 V
GND
V-
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
+ 5 V
C
+ 15 V
C


Similar Part No. - DG401DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG401DY INTERSIL-DG401DY Datasheet
93Kb / 9P
   Monolithic CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG401DY MAXIM-DG401DY Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
logo
Intersil Corporation
DG401DY INTERSIL-DG401DY Datasheet
286Kb / 12P
   Monolithic CMOS Analog Switches
logo
Renesas Technology Corp
DG401DY RENESAS-DG401DY Datasheet
426Kb / 12P
   Monolithic CMOS Analog Switches
Nov 20, 2006
logo
Intersil Corporation
DG401DYZ INTERSIL-DG401DYZ Datasheet
286Kb / 12P
   Monolithic CMOS Analog Switches
More results

Similar Description - DG401DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com