Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG401DJ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG401DJ
Description  Low-Power, High-Speed CMOS Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG401DJ Datasheet(HTML) 3 Page - Vishay Siliconix

  DG401DJ Datasheet HTML 1Page - Vishay Siliconix DG401DJ Datasheet HTML 2Page - Vishay Siliconix DG401DJ Datasheet HTML 3Page - Vishay Siliconix DG401DJ Datasheet HTML 4Page - Vishay Siliconix DG401DJ Datasheet HTML 5Page - Vishay Siliconix DG401DJ Datasheet HTML 6Page - Vishay Siliconix DG401DJ Datasheet HTML 7Page - Vishay Siliconix DG401DJ Datasheet HTML 8Page - Vishay Siliconix DG401DJ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Document Number: 70049
S09-2561-Rev. I, 30-Nov-09
www.vishay.com
3
Vishay Siliconix
DG401, DG403, DG405
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 6 mW/°C above 75 °C.
d. Derate 7.6 mW/°C above 75 °C.
ORDERING INFORMATION
Temp. Range
Package
Part Number
DG401
- 40 °C to 85 °C
16-Pin Plastic DIP
DG401DJ
DG401DJ-E3
16-Pin Narrow SOIC
DG401DY
DG401DY-T1
DG401DY-E3
DG401DY-T1-E3
DG403
- 40 °C to 85 °C
16-Pin Plastic DIP
DG403DJ
DG403DJ-E3
16-Pin Narrow SOIC
DG403DY
DG403DY-E3
DG403DY-T1
DG403DY-T1-E3
DG405
- 40 °C to 85 °C
16-Pin Plastic DIP
DG405DJ
DG405DJ-E3
16-Pin Narrow SOIC
DG405DY
DG405DY-E3
DG405DY-T1
DG405DY-T1-E3
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
V+ to V-
44
V
GND to V-
25
VL
(GND - 0.3) to (V+) + 0.3
Digital Inputsa, VS, VD
(V-) - 2 to (V+) + 2
or 30 mA, whichever occurs first
Current (Any Terminal) Continuous
30
mA
Current, S or D (Pulsed 1 ms, 10 % Duty)
100
Storage Temperature
(DJ, DY Suffix)
- 65 to 125
°C
Power Dissipation (Package)b
16-Pin Plastic DIPc
450
mW
16-Pin SOICd
600


Similar Part No. - DG401DJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG401DJ INTERSIL-DG401DJ Datasheet
93Kb / 9P
   Monolithic CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG401DJ MAXIM-DG401DJ Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
logo
TEMIC Semiconductors
DG401DJ TEMIC-DG401DJ Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401DJ VISHAY-DG401DJ Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG401DJ-E3 VISHAY-DG401DJ-E3 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
More results

Similar Description - DG401DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com