Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG401DJ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG401DJ
Description  Low-Power, High-Speed CMOS Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG401DJ Datasheet(HTML) 1 Page - Vishay Siliconix

  DG401DJ Datasheet HTML 1Page - Vishay Siliconix DG401DJ Datasheet HTML 2Page - Vishay Siliconix DG401DJ Datasheet HTML 3Page - Vishay Siliconix DG401DJ Datasheet HTML 4Page - Vishay Siliconix DG401DJ Datasheet HTML 5Page - Vishay Siliconix DG401DJ Datasheet HTML 6Page - Vishay Siliconix DG401DJ Datasheet HTML 7Page - Vishay Siliconix DG401DJ Datasheet HTML 8Page - Vishay Siliconix DG401DJ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Vishay Siliconix
DG401, DG403, DG405
Document Number: 70049
S09-2561-Rev. I, 30-Nov-09
www.vishay.com
1
Low-Power, High-Speed CMOS Analog Switches
FEATURES
44 V supply max. rating
± 15 V analog signal range
On-resistance - RDS(on): 30 Ω
Low leakage - ID(on): 40 pA
Fast switching - tON: 75 ns
Ultra low power requirements - PD: 0.35 µW
TTL, CMOS compatible
Single supply capability
Compliant to RoHS directive 2002/95/EC
BENEFITS
Wide dynamic range
Break-before-make switching action
Simple interfacing
APPLICATIONS
Audio and video switching
Sample-and-hold circuits
Battery operation
Test equipment
Communications systems
PBX, PABX
DESCRIPTION
The DG401, DG403, DG405 monolithic analog switches
were designed to provide precision, high performance
switching of analog signals. Combining low power (0.35 µW,
typ.) with high speed (tON: 75 ns, typ.), the DG401 series is
ideally suited for portable and battery powered industrial and
military applications.
Built on the Vishay Siliconix proprietary high-voltage
silicon-gate process to achieve high voltage rating and
superior switch on/off performance, break-before-make is
guaranteed for the SPDT configurations. An epitaxial layer
prevents latchup.
Each switch conducts equally well in both directions when
on, and blocks up to 30 V peak-to-peak when off. On-
resistance is very flat over the full ± 15 V analog range,
rivaling JFET performance without the inherent dynamic
range limitations.
The three devices in this series are differentiated by the type
of switch action as shown in the functional block diagrams.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Two SPST Switches per Package
Logic "0"
≤ 0.8 V
Logic "1"
≥ 2.4 V
* Pb containing terminations are not RoHS compliant, exemptions may apply
DG401
NC
GND
NC
VL
NC
V+
NC
IN2
D2
S2
D1
S1
NC
Dual-In-Line and SOIC
IN1
NC
V-
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
NC
NC
V-
S2
NC
IN2
GND
NC
NC
D2
NC
NC
NC
S1
VL
IN1
NC
NC
V+
D1
Key
Top View
LCC
910
11
12
13
4
5
6
7
8
1
2
319
20
14
15
16
17
18
DG401
TRUTH TABLE
Logic
Switch
0
OFF
1ON


Similar Part No. - DG401DJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG401DJ INTERSIL-DG401DJ Datasheet
93Kb / 9P
   Monolithic CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG401DJ MAXIM-DG401DJ Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
logo
TEMIC Semiconductors
DG401DJ TEMIC-DG401DJ Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401DJ VISHAY-DG401DJ Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG401DJ-E3 VISHAY-DG401DJ-E3 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
More results

Similar Description - DG401DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com