Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG401DJ Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG401DJ
Description  Low-Power, High-Speed CMOS Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG401DJ Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG401DJ Datasheet HTML 4Page - Vishay Siliconix DG401DJ Datasheet HTML 5Page - Vishay Siliconix DG401DJ Datasheet HTML 6Page - Vishay Siliconix DG401DJ Datasheet HTML 7Page - Vishay Siliconix DG401DJ Datasheet HTML 8Page - Vishay Siliconix DG401DJ Datasheet HTML 9Page - Vishay Siliconix DG401DJ Datasheet HTML 10Page - Vishay Siliconix DG401DJ Datasheet HTML 11Page - Vishay Siliconix DG401DJ Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.vishay.com
8
Document Number: 70049
S09-2561-Rev. I, 30-Nov-09
Vishay Siliconix
DG401, DG403, DG405
TEST CIRCUITS
VO is the steady state output with the switch on. Feedthrough via switch capacitance may result in spikes at the leading and
trailing edge of the output waveform.
Figure 2. Switching Time
0 V
Logic
Input
Switch
Input*
Switch
Output
0 V
Switch
Input*
VS
tf < 20 ns
tf < 20 ns
90 %
-V S
tOFF
tON
VO
90 %
VO
* VS = 10 V for tON, VS = - 10 V for tOFF
Note: Logic input waveform is inverted for switches that
have the opposite logic sense control
CL (includes fixture and stray capacitance)
V+
IN
RL
RL + rDS(on)
VO = VS
S
D
- 15 V
VO
GND
± 10 V
VL
CL
35 pF
V-
RL
1 k
Ω
+ 15 V
+ 5 V
50 %
Figure 3. Break-Before-Make
0 V
Logic
Input
Switch
Switch
Output
3 V
50 %
0 V
Output
0 V
90 %
VO2
VO1
90 %
VS1
VS2
tD
tD
VO2
CL (includes fixture and stray capacitance)
V+
RL1
S2
CL1
V-
S1
VL
VS2
IN
D2
VS1
RL2
L2
D1
VO1
CL2
- 15 V
GND
+ 5 V
+ 15 V
Figure 4. Charge Injection
Off
On
On
IN
ΔVO
VO
Q =
ΔVO x CL
CL
10 nF
D
Rg
VO
V+
S
V-
3 V
IN
VL
Vg
- 15 V
GND
+ 15 V
+ 5 V


Similar Part No. - DG401DJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG401DJ INTERSIL-DG401DJ Datasheet
93Kb / 9P
   Monolithic CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG401DJ MAXIM-DG401DJ Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
logo
TEMIC Semiconductors
DG401DJ TEMIC-DG401DJ Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401DJ VISHAY-DG401DJ Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG401DJ-E3 VISHAY-DG401DJ-E3 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
More results

Similar Description - DG401DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com