Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11600JV Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB11600JV
Description  Brushless Motor Predriver IC for Automotive Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11600JV Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB11600JV Datasheet HTML 1Page - Sanyo Semicon Device LB11600JV Datasheet HTML 2Page - Sanyo Semicon Device LB11600JV Datasheet HTML 3Page - Sanyo Semicon Device LB11600JV Datasheet HTML 4Page - Sanyo Semicon Device LB11600JV Datasheet HTML 5Page - Sanyo Semicon Device LB11600JV Datasheet HTML 6Page - Sanyo Semicon Device LB11600JV Datasheet HTML 7Page - Sanyo Semicon Device LB11600JV Datasheet HTML 8Page - Sanyo Semicon Device LB11600JV Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LB11600JV
No.8321-4/30
Continued from preceding page.
Parameter
Symbol
Conditions
Rated value
Unit
Min.
Typ.
Max.
PWMIN Pin
High-level input voltage
VIH (PWMIN)
2.0
V
Low-level input voltage
VIL (PWMIN)
1.0
V
Input open voltage
VIO (PWMIN)
VCC-0.5
VCC
V
Hysteresis
VIS (PWMIN)
0.2
0.3
0.4
V
High-level input current
IIH (PWMIN)
PWMIN = 5V
-10
0
10
μA
Low-level input current
IIL (PWMIN)
PWMIN = 0V
-130
-96
μA
Input frequency
F (PWMIN)
50
kHz
PWMRE Pin
PWMRE pin current
IPWMIRE
PWMRE = 0V
-260
-200
-140
μA
Threshold voltage
PWMRETH
1.12
1.25
1.38
V
Hysteresis
PWMREHYS
0.44
0.7
1.1
V
Package Dimensions
unit : mm (typ)
3191C
Pin Assignment
GND
PWMRE
F/R
LB11600JV
RF
WH
WL
VH
UH
CSD
CTL+
PWM
UL
IN1+
IN1-
VL
9
8
7
6
5
4
3
2
1
10
11
12
13
14
15
27
26
28
24
23
25
21
29
22
30
19
18
20
16
17
IN2+
IN2-
IN3+
IN3-
HP
TOC
FV
CR
CEG
CSET
CTL-
PWMIN
VCC
S/S
RFGND
Top view
SANYO : SSOP30(275mil)
9.75
0.22
0.65
(0.33)
1
30
0.15


Similar Part No. - LB11600JV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
   Brushless Motor Predriver IC
May, 2013
More results

Similar Description - LB11600JV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1823 SANYO-LB1823 Datasheet
118Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
LB1823M SANYO-LB1823M Datasheet
119Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
   Brushless Motor Predriver IC
May, 2013
logo
STMicroelectronics
L8150 STMICROELECTRONICS-L8150 Datasheet
732Kb / 37P
   Brushless motor predriver
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com