Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG309 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG309
Description  Quad Monolithic SPST CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG309 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG309 Datasheet HTML 1Page - Vishay Siliconix DG309 Datasheet HTML 2Page - Vishay Siliconix DG309 Datasheet HTML 3Page - Vishay Siliconix DG309 Datasheet HTML 4Page - Vishay Siliconix DG309 Datasheet HTML 5Page - Vishay Siliconix DG309 Datasheet HTML 6Page - Vishay Siliconix DG309 Datasheet HTML 7Page - Vishay Siliconix DG309 Datasheet HTML 8Page - Vishay Siliconix DG309 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 70046
S11-0303-Rev. G, 28-Feb-11
www.vishay.com
3
Vishay Siliconix
DG308A, DG309
SCHEMATIC DIAGRAM (Typical Channel)
Figure 1.
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 15 V, V- = - 15 V
VIN = 3.5 V or 11 V
f
Temp.b
Typ.c
A Suffix
- 55 °C to 125°C
C, D Suffix
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 15
15
- 15
15
V
Drain-Source
On-Resistance
RDS(on)
VD = ± 10 V, IS = 1 mA
Room
Full
60
100
150
100
125
Source Off Leakage Current
IS(off)
VS = ± 14 V, VD = ± 14 V
Room
Full
± 0.1
- 1
100
1
100
- 5
- 100
5
100
nA
Drain Off Leakage Current
ID(off)
VD = ± 14 V, VS = ± 14 V
Room
Full
± 0.1
- 1
100
1
100
- 5
- 100
5
100
Drain On Leakage Current
ID(on)
VD = VS = ± 14 V
Room
Full
± 0.1
- 1
100
1
100
- 5
- 200
5
200
Digital Control
Input Current with
Input Voltage High
IINH
VIN = 15 V
Full
0.001
1
1
µA
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Full
- 0.001
- 1
- 1
Input Capacitance
CIN
Room
8
pF
Dynamic Characteristics
Turn-On Time
tON
see figure 2
Room
130
200
200
ns
Turn-Off Time
tOFF
Room
90
150
150
Charge Injection
Q
CL = 0.01 µF, Rgen = 0  Vgen = 0 V,
Room
- 10
pC
Source-Off Capacitance
CS(off)
f = 140 kHz, VS, VD = 0 V
Room
11
pF
Drain-Off Capacitance
CD(off)
Room
8
Channel-On Capacitance
CD(on)
Room
27
Off-Isolationf
OIRR
RL = 75 , VS = 2 Vp-p, f = 500 kHz
Room
78
dB
Level
Shift/
Drive
VIN
S
V+
GND
V-
D
V-
V+


Similar Part No. - DG309

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG309 VISHAY-DG309 Datasheet
52Kb / 5P
   Quad Monolithic SPST CMOS Analog Switches
Rev. E, 28-Apr-97
DG309 VISHAY-DG309 Datasheet
99Kb / 6P
   Quad Monolithic SPST CMOS Analog Switches
Rev. F, 11-Jun-07
DG309 VISHAY-DG309 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
logo
Maxim Integrated Produc...
DG309AK MAXIM-DG309AK Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
logo
Vishay Siliconix
DG309AK/883 VISHAY-DG309AK/883 Datasheet
52Kb / 5P
   Quad Monolithic SPST CMOS Analog Switches
Rev. E, 28-Apr-97
More results

Similar Description - DG309

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com