Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG303B Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG303B
Description  CMOS Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG303B Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG303B Datasheet HTML 4Page - Vishay Siliconix DG303B Datasheet HTML 5Page - Vishay Siliconix DG303B Datasheet HTML 6Page - Vishay Siliconix DG303B Datasheet HTML 7Page - Vishay Siliconix DG303B Datasheet HTML 8Page - Vishay Siliconix DG303B Datasheet HTML 9Page - Vishay Siliconix DG303B Datasheet HTML 10Page - Vishay Siliconix DG303B Datasheet HTML 11Page - Vishay Siliconix DG303B Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.vishay.com
8
Document Number: 71402
S11-0303-Rev. C, 28-Feb-11
Vishay Siliconix
DG300B, DG301B, DG302B, DG303B
Notes:
a. Application hints are for DESIGN AID ONLY, not guaranteed and not subject to production testing.
APPLICATIONS
The DG300B series of analog switches will switch positive
analog signals while using a single positive supply. This
facilitates their use in applications where only one supply is
available. The trade-offs of using single supplies are:
1) Increased RDS(on).
2) Slower switching speed. The analog voltage should not go
above or below the supply voltages which in single
operation are V+ and 0 V. (See Input Switching Threshold
vs. Positive Supply Voltage Curve.)
APPLICATIONS HINTSa
V+
Positive Supply
Voltage
(V)
V-
Negative Supply
Voltage
(V)
GND
Voltage
(V)
VIN
Logic Input Voltage
VINH(min)/VINL(max)
(V)
VS or VD
Analog Voltage
Range
(V)
15
- 15
0
4/0.8
- 15 to 15
20
- 20
0
4/0.8
- 20 to 20
15
0
0
4/0.8
0 to 15
Figure 5. Single Supply Op. Amp. Switching
+ 15 V
+ 15 V
+ 15 V
DG301B
TTL Input
+ 5 V
10 k
10 k
5 k
5 k
100 k
10 µF
50 k
VOUT


Similar Part No. - DG303B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303B VISHAY-DG303B Datasheet
62Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG303B VISHAY-DG303B Datasheet
211Kb / 14P
   CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG303BK MAXIM-DG303BK Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
DG303BWE MAXIM-DG303BWE Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
More results

Similar Description - DG303B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com