Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1938T Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1938T
Description  1ch, Low-saturation Forward/Reverse Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1938T Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1938T_07 Datasheet HTML 1Page - Sanyo Semicon Device LB1938T_07 Datasheet HTML 2Page - Sanyo Semicon Device LB1938T_07 Datasheet HTML 3Page - Sanyo Semicon Device LB1938T_07 Datasheet HTML 4Page - Sanyo Semicon Device LB1938T_07 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LB1938T
No.6802-4/5
0.1
0.5
0.3
0.4
0.2
500
200
0
300
100
400
ILB01459
VO(sat) - IO
Output current, IO - mA
0
VCC = 3V
ILB01458
VO(sat) - Ta
Ambient temperature, Ta -
°C
0
0.1
0.5
0.3
0.4
0.2
140
20
40
-40
-20
60
80
100
0
120
140
20
40
-40
-20
60
80
100
0
120
IO =
300m
A
IO = 10
0mA
VCC = 3V
ILB01457
ICC - Tc
Case temperature, Tc -
°C
8
4
0
28
20
24
12
16
Brake
mode
V
CC =
5V
3V
Forward
or rever
se mode,
VCC =
5V
3V
10
4
3
06
58
7
2
19
ILB01460
ICC - VCC
Supply voltage, VCC - V
0
28
12
16
20
24
8
4
Brake mo
de
VCC = VIN
IN1
IN2
Forward o
r reverse m
ode
10
4
3
06
58
7
2
19
ILB01461
IIN - VIN
Input voltage, VIN - V
0
160
120
80
40
VCC = 3V
140
40
20
-40
60
100
80
0
-20
120
ILB01462
ICC Standby Mode Temperature Characteristics
Case temperature, Tc -
°C
140
40
20
-40
60
100
80
0
-20
120
Case temperature, Tc -
°C
0
2.0
1.6
1.2
0.8
0.4
VCC = 11V
0.29
Under 0.01
µA
ILB01463
IN Pin Input Current Temperature Characteristics
0
100
80
60
40
20
VIN = 5V


Similar Part No. - LB1938T_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1938T SANYO-LB1938T Datasheet
38Kb / 5P
   I CH MOTOR DRIVE
More results

Similar Description - LB1938T_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1938FA-BH ONSEMI-LB1938FA-BH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA-AH ONSEMI-LB1938FA-AH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA ONSEMI-LB1938FA Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1938FA SANYO-LB1938FA Datasheet
115Kb / 5P
   Monolithic Digital IC 1ch, Low-saturation Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
   Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
logo
Sanyo Semicon Device
LB1634M SANYO-LB1634M Datasheet
86Kb / 5P
   Low-Voltage, Low-Saturation Forward/Reverse Motor Driver
LB1841V SANYO-LB1841V Datasheet
55Kb / 7P
   Low-Saturation Current-Controlled Forward/Reverse Motor Driver
logo
ON Semiconductor
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
   Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
logo
Sanyo Semicon Device
LB1933M SANYO-LB1933M Datasheet
56Kb / 5P
   Low-saturation Forward/Reverse Motor Drive
logo
ON Semiconductor
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com