Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQY36N Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CQY36N
Description  Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CQY36N Datasheet(HTML) 1 Page - Vishay Siliconix

  CQY36N Datasheet HTML 1Page - Vishay Siliconix CQY36N Datasheet HTML 2Page - Vishay Siliconix CQY36N Datasheet HTML 3Page - Vishay Siliconix CQY36N Datasheet HTML 4Page - Vishay Siliconix CQY36N Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 81001
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.8, 16-May-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
CQY36N
Vishay Semiconductors
DESCRIPTION
CQY36N is an infrared, 950 nm emitting diode in GaAs
technology molded in a miniature, clear plastic package
without lens.
FEATURES
• Package type: leaded
• Package form: T-¾
• Dimensions (in mm): Ø 1.8
• Peak wavelength:
p = 950 nm
• High reliability
• Angle of half intensity:
 = ± 55°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Package matches with detector BPW16N
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance with WEEE 2002/96/EC
APPLICATIONS
• Radiation source in near infrared range
Note
• Test conditions see table “Basic Characteristics“
Note
• MOQ: minimum order quantity
94 8638
PRODUCT SUMMARY
COMPONENT
Ie (mW/sr)
 (deg)
P (nm)
tr (ns)
CQY36N
1.5
± 55
950
800
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
CQY36N
Bulk
MOQ: 5000 pcs, 5000 pcs/bulk
T-¾
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
5V
Forward current
IF
100
mA
Surge forward current
tp  100 μs
IFSM
2A
Power dissipation
PV
160
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 25 to + 85
°C
Storage temperature range
Tstg
- 25 to + 100
°C
Soldering temperature
t
 3 s
Tsd
245
°C
Thermal resistance junction/ambient
leads not soldered
RthJA
450
K/W


Similar Part No. - CQY36N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQY36N VISHAY-CQY36N Datasheet
120Kb / 6P
   GaAs Infrared Emitting Diode in Miniature (T-3/4) Package
Rev. 1.4, 08-Mar-05
CQY36N VISHAY-CQY36N Datasheet
99Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.7, 04-Sep-08
CQY36N VISHAY-CQY36N Datasheet
98Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2022
CQY36N VISHAY-CQY36N Datasheet
97Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
CQY36N VISHAY-CQY36N_08 Datasheet
99Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.7, 04-Sep-08
More results

Similar Description - CQY36N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS4400 VISHAY-TSUS4400_08 Datasheet
108Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 05-Sep-08
TSUS5400 VISHAY-TSUS5400_08 Datasheet
110Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 05-Sep-08
VSMS3700 VISHAY-VSMS3700 Datasheet
140Kb / 7P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.2, 04-Sep-08
TSTS7100 VISHAY-TSTS7100_V02 Datasheet
142Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
CQY36N VISHAY-CQY36N_V02 Datasheet
97Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
CQY37N VISHAY-CQY37N_08 Datasheet
293Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 04-Sep-08
TSTS7100 VISHAY-TSTS7100_08 Datasheet
149Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.8, 04-Sep-08
TSTS7100 VISHAY-TSTS7100_V01 Datasheet
143Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2022
TSTS7300 VISHAY-TSTS7300_V02 Datasheet
139Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
TSTS7500 VISHAY-TSTS7500_08 Datasheet
146Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.8, 04-Sep-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com