Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPV364M4UPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CPV364M4UPBF
Description  IGBT SIP Module (Ultrafast IGBT)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPV364M4UPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  CPV364M4UPBF Datasheet HTML 1Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 2Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 3Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 4Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 5Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 6Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 7Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 8Page - Vishay Siliconix CPV364M4UPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94489
2
Revision: 01-Sep-08
CPV364M4UPbF
Vishay High Power Products
IGBT SIP Module
(Ultrafast IGBT)
Notes
(1) Pulse width
≤ 80 µs, duty factor ≤ 0.1 %
(2) Pulse width 5.0 µs; single shot
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TYP.
MAX.
UNITS
Junction to case, each IGBT, one IGBT in conduction
RthJC (IGBT)
-
2.0
°C/W
Junction to case, each DIODE, one DIODE in conduction
RthJC (DIODE)
-
3.0
Case to sink, flat, greased surface
RthCS (MODULE)
0.10
-
Weight of module
20
-
g
0.7
-
oz.
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Collector to emitter breakdown voltage
V(BR)CES (1)
VGE = 0 V, IC = 250 µA
600
-
-
V
Temperature coefficient of
breakdown voltage
ΔV
(BR)CES/ΔTJ
VGE = 0 V, IC = 1.0 mA
-
0.63
-
V/°C
Collector to emitter saturation voltage
VCE(on)
IC = 10 A
VGE = 15 V
See fig. 2, 5
-
1.56
2.1
V
IC = 20 A
-
1.84
-
IC = 10 A, TJ = 150 °C
-
1.56
-
Gate threshold voltage
VGE(th)
VCE = VGE, IC = 250 µA
3.0
-
6.0
Temperature coefficient of
threshold voltage
ΔV
GE(th)/ΔTJ
VCE = VGE, IC = 250 µA
-
- 13
-
mV/°C
Forward transconductance
gfe (2)
VCE = 100 V, IC = 10 A
11
18
-
S
Zero gate voltage collector current
ICES
VGE = 0 V, VCE = 600 V
-
-
250
µA
VGE = 0 V, VCE = 600 V, TJ = 150 °C
-
-
3500
Diode forward voltage drop
VFM
IC = 15 A
See fig. 13
-1.3
1.7
V
IC = 15 A, TJ = 150 °C
-
1.2
1.6
Gate to emitter leakage current
IGES
VGE = ± 20 V
-
-
± 100
nA


Similar Part No. - CPV364M4UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV364M4U IRF-CPV364M4U Datasheet
273Kb / 10P
   IGBT SIP MODULE
More results

Similar Description - CPV364M4UPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPV363M4UPBF VISHAY-CPV363M4UPBF Datasheet
278Kb / 11P
   IGBT SIP Module (Ultrafast IGBT)
Revision: 01-Sep-08
logo
International Rectifier
CPV362M4U IRF-CPV362M4U Datasheet
274Kb / 10P
   UltraFast IGBT IGBT SIP MODULE
CPU165MK IRF-CPU165MK Datasheet
92Kb / 2P
   IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
logo
Vishay Siliconix
VS-CPV363M4KPBF VISHAY-VS-CPV363M4KPBF Datasheet
261Kb / 10P
   IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
Revision: 25-Oct-17
VS-CPV364M4KPBF VISHAY-VS-CPV364M4KPBF Datasheet
252Kb / 11P
   IGBT SIP Module(Short Circuit Rated Ultrafast IGBT)
Revision: 25-Oct-17
CPV363M4KPBF VISHAY-CPV363M4KPBF Datasheet
279Kb / 11P
   IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
Revision: 01-Sep-08
logo
International Rectifier
CPV362MK IRF-CPV362MK Datasheet
460Kb / 8P
   IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
CPV363MK IRF-CPV363MK Datasheet
450Kb / 8P
   IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
CPV364MK IRF-CPV364MK Datasheet
447Kb / 8P
   IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
logo
Vishay Siliconix
VS-CPV362M4FPBF VISHAY-VS-CPV362M4FPBF Datasheet
237Kb / 9P
   IGBT SIP Module (Fast IGBT)
01-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com