Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1876 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LB1876
Description  For Polygon Mirror Motors 3-phase Brushless Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1876 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LB1876 Datasheet HTML 4Page - Sanyo Semicon Device LB1876 Datasheet HTML 5Page - Sanyo Semicon Device LB1876 Datasheet HTML 6Page - Sanyo Semicon Device LB1876 Datasheet HTML 7Page - Sanyo Semicon Device LB1876 Datasheet HTML 8Page - Sanyo Semicon Device LB1876 Datasheet HTML 9Page - Sanyo Semicon Device LB1876 Datasheet HTML 10Page - Sanyo Semicon Device LB1876 Datasheet HTML 11Page - Sanyo Semicon Device LB1876 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LB1876
No.6201-11/12
8. FG input signal
Normally, one of the Hall sensor signals is input as an FG signal. If noise on the FG input is a problem, insert either a
capacitor or a filter consisting of a capacitor and a resistor. Although it is possible to exclude noise from the FG signal
by inserting a capacitor between the FGFIL pin and ground, if this pin's waveform is smoothed excessively, the circuit
may not be able to operate normally. Therefore, if a capacitor is used here, its value must be held to under 2200pF. If
the position of the capacitor's ground lead is inappropriate, problems due to noise may become more likely to occur.
Select the position carefully.
9. Constraint protection circuit
This IC includes a built-in constraint protection circuit to protect the IC and the motor during motor constraint. In the
start state, when the LD output is high for a fixed period (the unlocked state), the lower side transistor turns off. The
time is set by the capacitor connected to the CSD pin.
Set time (seconds)
≈ 120 × C (µF)
If a 0.068
µF capacitor is used, the protection time will be about 8 seconds. The set time must have a value that provides
an adequate margin relative to the motor start time. The protection circuit does not operate during braking implemented
by switching the clock frequency. Either switch to the stop state or turn off the power and restart to clear the constraint
protection state.
Since the CSD pin also functions as the initial reset pulse generation pin, if connected to ground the logic circuits will
be reset and speed control operation will not be possible. Therefore, if constraint protection is not used, connect CSD to
ground through a resistor of about 220k
Ω and a capacitor of about 4700pF in parallel.
10. Phase lock signal
(1) Phase lock range
Since this IC does not have a counter in the speed control system, the speed error range in the phase locked state
cannot be determined solely by the IC's characteristics. (This is because of the influence of the acceleration of the
changes in the FG frequency.) If it is necessary to stipulate this for the motor, it will be necessary to measure this with
the actual motor. Since it is easier for speed errors to occur in the state where the FG acceleration is large, the largest
speed errors are thought to occur during lock pull-in at startup and when unlocked due to clock frequency switching.
(2) Phase lock signal mask function
When the LDSEL pin is set high or left open, transient lock signals (short low-level periods on the LD output) is
masked. This function masks short low-level periods due to hunting during pull-in and allows a stable lock signal to
be output. However, the lock signal is delayed by amount of masking time.
When the LDSEL pin is set low, transient unlock signals (short high-level periods on the LD output) is masked.
This function prevents short period high-level signals from being output.
The mask time is set with the capacitor connected between the CLD pin and ground.
Mask time (seconds)
≈ 0.9 × C (µF)
A mask time of about 90ms can be set by using a capacitor of about 0.1µF. If complete masking is required, the mask
time must be set large enough to provide ample margin. If masking is not required, leave the CLD pin open.
11. Power supply stabilization
Since this IC provides a large output current and adopts a switching drive technique, it can easily disrupt the power
supply line voltage. Therefore, capacitors with ample capacitance must be inserted between the VCC pins and ground.
If reverse control mode is selected during braking, the circuit will return current to the power supply. This means that
the power supply lines are even more susceptible to disruption. Since the power supply is most easily influenced during
lock pull-in at high motor speeds, this case requires particular care. Select capacitor values that are fully adequate for
this case.
If diodes are inserted in the power supply lines to prevent damage if the power supply is connected with reverse
polarity, the power supply voltage will be even more susceptible to disruption, and even larger capacitors must be used.
12. VREG stabilization
Insert a capacitor of at least 0.1
µF to stabilize VREG, which is the control circuit power supply. The capacitor ground
must be connected as close as possible to the IC control block ground (the GND1 pin).
13. Error amplifier circuit components
Locate the error amplifier components as close to the IC as possible to minimize the influence of noise on this circuit.
Locate this circuit as far from the motor as possible.


Similar Part No. - LB1876

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
ON Semiconductor
LB1876 ONSEMI-LB1876 Datasheet
169Kb / 12P
   3-phase Brushless Motor Driver
May, 2013
More results

Similar Description - LB1876

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LV8112V_1002 SANYO-LV8112V_1002 Datasheet
305Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V_12 Datasheet
204Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V_0910 SANYO-LV8111V_0910 Datasheet
295Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V SANYO-LV8111V_12 Datasheet
193Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V Datasheet
314Kb / 13P
   Bi-CMOS IC For Polygon Mirror Motor 3-phase Brushless Motor Driver
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com