Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LB1862M Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LB1862M
Description  For Fan Motor Single-Phase Full-Wave Driver
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LB1862M Datasheet(HTML) 6 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LB1862M,LB1962M
Application Circuit Example
1
2
9
8
3
6
4
10
7
5
IN−
IN+
HB
ST
CT
OUT2
OUT1
RD
(FG)
VCC
GND
LB1862M
LB1962M
H
C2
C1=0.47 to 1
μF
IN− = L
IN+ = L
CT = H
ST = H
12
8
10
6
4
2
0
02
6
4
8
10
16
18
14
12
22
20
VCC = 5V
500
400
300
200
100
0
02
6
4
8
10
16
18
14
12
20
300
400
200
100
0
0.5
0.4
0.3
0.2
0.1
0
300
500
400
200
100
0
1.0
0.8
0.6
0.4
0.2
0
ICC -- VCC
IIN -- VIN
VO(sat)L -- IO
VO(sat)H -- IO
VCC = 3.8V
Ta = 25
°C
VCC = 3.8V
Ta = 25
°C
Power supply voltage, VCC -- V
Input voltage, VIN -- V
Output current, IO -- A
Output current, IO -- A
PS No.5657-6/7


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn