Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LB1862M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LB1862M
Description  For Fan Motor Single-Phase Full-Wave Driver
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LB1862M Datasheet(HTML) 2 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LB1862M,LB1962M
Allowable Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VCC
3.8 to 16.8
V
ST input High level voltage
STH
3 to 14
V
ST input Low level voltage
STL
-0.3 to +0.4
V
Hall input common mode voltage
VICM
0.2 to VCC-1.5
V
Electrical Characteristics at Ta
= 25°C, VCC = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
In drive mode (CT = “L”, ST = “L”)
6.5
9.1
mA
In lockup protection mode (CT = “H”, ST = “L”)
2.2
3.1
mA
Current drain
ICC
In standby mode (ST = “H”)
110
150
μA
Lockup detection
capacitor charge current
ICT1
1.9
2.8
3.7
μA
Capacitor discharge current
ICT2
0.32
0.46
0.60
μA
Capacitor charge/discharge
current ratio
RCT
RCT = ICT1/ICT2
5.0
6.0
7.0
CT charge voltage
VCT1
2.55
2.75
2.95
V
CT discharge voltage
VCT2
1.6
1.8
2.0
V
Output Low level voltage
VOL
IO = 200mA
0.2
0.3
V
Output High level voltage
VOH
IO = 200mA
3.9
4.1
V
Hall input sensitivity
VHN
Zero peak value (Including offset and hysteresis)
7
15
mV
RD/FG output pin Low voltage
VRD(FG)
IRD(FG) = 5mA
0.1
0.3
V
RD/FG output pin leakage current
IRD(FG)
VRD(FG) = 15V
30
μA
HB output Low voltage
VHBL
IHB = 5mA
1.0
1.3
V
ST pin input current
IST
VST = 5V
75
100
μA
Package Dimensions
unit : mm (typ)
3086B
Pd max -- Ta
-20
0
20
40
60
80
100
0
1
0.8
0.6
0.4
0.2
0.85
0.41
90
-30
Ambient temperature, Ta --
°C
Specified board: 114.3
×76.2×1.5mm3
glass epoxy board.
SANYO : MFP10S(225mil)
1
10
5
6
(0.5)
1.0
0.35
5.0
0.15
PS No.5657-2/7


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn