Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1847 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LB1847
Description  PWM Current Control Type Stepping Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1847 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LB1847_09 Datasheet HTML 7Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 8Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 9Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 10Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 11Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 12Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 13Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 14Page - Sanyo Semicon Device LB1847_09 Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LB1847
No.5982-13/15
4. Simultaneous ON prevention function
This IC incorporates a circuit to prevent feed-through current when phase switching. For reference, the output ON and
OFF delay times at PHASE and ENABLE switching are given below.
Reference Data * typical value
Sink side
Source side
ON delay time
1.9
µs
2.2
µs
PHASE switching
(Low
→ Hi)
OFF deley time
0.8
µs
1.8
µs
ON delay time
1.4
µs
1.7
µs
PHASE switching
(Hi
→ Low)
OFF deley time
0.9
µs
1.35
µs
ON delay time
2.15
µs
2.75
µs
ENABLE switching
OFF deley time
1.2
µs
5.8
µs
5. Noise canceler
This IC has a noise canceling function to prevent malfunction due to noise spikes generated when switching ON. The
noise cancel time tn is determined by internal resistance of the CR pin and the constant of the externally connected CR
components. The constant also determines the switching OFF time.
Figure 1 shows the internal configuration at the CR pin, and Figure 2 the CR pin constant setting range.
Equation when logic voltage VCC = 5V
CR pin voltage E1 = VCC × R / (R1 + R2 + R) [V]
Noise cancel time tn
≈ (R1 + R2)× C × 1n {(E1 − 1.5) / (E1 − 4.0)} [s]
Switching OFF time toff
≈ –R × C × 1n (1.5 / E1) [s]
Internal resistance at CR pin : R1 = 1k
Ω, R2 = 300Ω (typ.)
*The CR constant setting range in Figure 2 on page 15 is given for reference. It applies to a switching OFF time in the
range from 8 to 100
µs. The switching time can also be made higher than 100 ms. However, a capacitor value of more
than several thousand pF will result in longer noise canceling time, which can cause the output current to become
higher than the set current. The longer switching OFF time results in higher output current ripple, causing a drop in
average current and rotation efficiency. When keeping the switching OFF time within 100 ms, it is recommended to
stay within the CR constant range shown in Figure 2.
Internal configuration at CR pin
C:470pF
R2
One-shot multi-blanking
time circuit
CR pin
E1
1k
R1
300
R:15k
VCC line
Figure 1


Similar Part No. - LB1847_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847_12 Datasheet
144Kb / 15P
   Monolithic Digital IC PWM Current Control Type Stepping Motor Driver
More results

Similar Description - LB1847_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847 Datasheet
128Kb / 16P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H_09 Datasheet
119Kb / 7P
   PWM Current Control Type Stepping Motor Driver
logo
ON Semiconductor
LB1847 ONSEMI-LB1847 Datasheet
137Kb / 15P
   PWM Current Control Type Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11847 SANYO-LB11847_08 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB11847 SANYO-LB11847 Datasheet
112Kb / 16P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H Datasheet
48Kb / 7P
   PWM Current Control Type Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com