Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA75521VA Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA75521VA
Description  IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75521VA Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA75521VA Datasheet HTML 2Page - Sanyo Semicon Device LA75521VA Datasheet HTML 3Page - Sanyo Semicon Device LA75521VA Datasheet HTML 4Page - Sanyo Semicon Device LA75521VA Datasheet HTML 5Page - Sanyo Semicon Device LA75521VA Datasheet HTML 6Page - Sanyo Semicon Device LA75521VA Datasheet HTML 7Page - Sanyo Semicon Device LA75521VA Datasheet HTML 8Page - Sanyo Semicon Device LA75521VA Datasheet HTML 9Page - Sanyo Semicon Device LA75521VA Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LA75521VA
No.A1004-6/13
AC Characteristics Test Circuit
0.01
μF
4MHz
CP INPUT
VIDEO
OUTPUT1
AFT OUTPUT
FILTER
AUDIO
OUTPUT
SOUND CARRIER
OUTPUT
RF AGC
OUTPUT
VIF INPUT
VCC (5V)
1
μF
1000pF
1
μF
0.022
μF
0
Ω
30KVR
VCC (5V)
V10
0.47
μF
33
Ω
0.01
μF
0.01
μF
0.01
μF
51
Ω
30k
Ω
51
Ω
IFAGC
SIF
INPUT
0.1
μF
VIDEO
OUTPUT2
EQ
FILTER
0.01
μF
1000pF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
19
20
21
22
23
24
18
V7
V9
V15
0.033
μF
330pF
VIF
AMP
APC
VIDEO
DET
VCO
AFT
1stSIF
AMP
AGC
INT
SPLIT
TRAP
IF
AGC
FM
DET
AMP
EQ
AMP
RF
AGC
MODE
CTRL
SW
DE-
EMP
SIF
AMP
AMP
AGC
TRAP
0.01
μF


Similar Part No. - LA75521VA

ManufacturerPart #DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA75520K SANYO-LA75520K Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75520KVA SANYO-LA75520KVA Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
More results

Similar Description - LA75521VA

ManufacturerPart #DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA75520KVA SANYO-LA75520KVA Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75520K SANYO-LA75520K Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
LA7583 SANYO-LA7583 Datasheet
207Kb / 15P
   IF Signal Processing Circuit (A2C PLL VIF SIF) for TVs and VCRs
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
LA7530N SANYO-LA7530N Datasheet
87Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VTR Use
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com