Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA75521VA Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part No. LA75521VA
Description  IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo 

LA75521VA Datasheet(HTML) 11 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LA75521VA
No.A1004-11/13
Continued from preceding page.
Pin
No.
Pin name
Function
Equivalent Circuit
16
IF AGC
IF AGC filter connection pin.
The signal peak-detected by the built-in AGC
detector is converted to the AGC voltage at pin 16.
Additionally, a second AGC filter (a lag-lead filter)
used to create the dual time constants is provided
internally in the IC.
Use a 0.022
μF capacitor as the external capacitor
(C1), and adjust the value according to the sag,
AGC speed, and other characteristics.
17
18
VIF IN2
VIF IN1
VIF amplifier input pin
The input circuit is a balanced circuit, and the input
impedance is as follows:
R
≈ 1.0kΩ
19
GND
20
RF AGC VR
RF AGC volume connection pin
This pin sets the tuner RF AGC operating point.
Also, the FM output and the video output can both
be muted at the same time by connecting this pin
to ground.
21
SIF CARRIER
OUT
First SIF output pin
This is an emitter-follower output with a 200
Ω
resistor attached in series.
Continued on next page.
16
5k
Ω
1k
Ω
1k
Ω
C1
17
18
1k
Ω
1k
Ω
20
1k
Ω
1k
Ω
21
200
Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn