Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA75503V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA75503V
Description  For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75503V Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA75503V_07 Datasheet HTML 1Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 2Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 3Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 4Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 5Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 6Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 7Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 8Page - Sanyo Semicon Device LA75503V_07 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LA75503V
No.6804-3/15
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
N trap1 (4.75MHz)
NT1
wrt 1MHz
-30
-35
dB
N trap2 (5.25MHz)
NT2
wrt 1MHz
-19
-24
dB
BG trap1 (5.75MHz)
BT1
wrt 1MHz
-27
-32
dB
BG trap2 (6.1MHz)
BT2
wrt 1MHz
-20
-25
dB
BG trap3 (5.85MHz)
BT3
wrt 1MHz
-27
-32
dB
I trap1 (6.25MHz)
IT1
wrt 1MHz
-25
-30
dB
I trap2 (6.8MHz)
IT2
wrt 1MHz
-15
-20
dB
DK trap1 (6.75MHz)
DT1
wrt 1MHz
-25
-30
dB
Group delay 1 NTSC (3.0MHz)
NGD1
wrt 1MHz
10
40
70
ns
Group delay 1-1 NTSC (3.5MHz)
NGD1-1
wrt 1MHz
70
120
170
ns
Group delay 2 BG (4MHz)
BGD2
wrt 1MHz
30
60
90
ns
Group delay 2-1 BG (4.4MHz)
BGD2-1
wrt 1MHz
100
150
200
ns
Group delay 3 I (4MHz)
IGD3
wrt 1MHz
0
30
60
ns
Group delay 3-1 I (4.4MHz)
IGD3-1
wrt 1MHz
30
60
90
ns
Group delay 4 DK (4MHz)
DGD4
wrt 1MHz
0
15
30
ns
Group delay 4-1 DK (4.4MHz)
DGD4-1
wrt 1MHz
0
30
60
ns
1st SIF Block
Conversion gain
Vg
fp = 5.5MHz, Vi = 500
µV
26
32
38
dB
SIF carrier output level
So
Vi = 10mV
100
mVrms
First SIF maximum input
Si max
so
±2dB
106
dB
µV
First SIF input resistance
Ris
5.0
6.0
k
First SIF input capacitance
Cis
3
6
pF
SIF Block
Limiting sensitivity
Vi(lim)
46
52
58
dB
µV
FM detector output voltage
VO(FM)
fp = 5.5MHz,
∆F = ±30kHz at 400Hz
560
700
850
mVrms
AM rejection ratio
AMR
AM = 30% at 400Hz
50
60
dB
Total harmonic distortion
THD
fp = 5.5MHz,
∆F = ±30kHz
0.3
1.0
%
FM detector output S/N
S/N(FM)
55
60
dB
BPF 3dB bandwidth
BW
±100
kHz
PAL de-emphasis
Pdeem
fm = 3kHz
-3
dB
NTSC de-emphasis
Ndeem
fm = 2kHz
-3
dB
PAL/NT audio voltage gain difference
GD
6
dB
Others
4MHz level (during external input)
X4MIN
Terminated
86
dB
µ
SIF system SW threshold voltage
V10, V11
1.4
V
IF system SW threshold resistance
V12
270
k
Split/inter SW
V16
0.5
V


Similar Part No. - LA75503V_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
More results

Similar Description - LA75503V_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75501 SANYO-LA75501 Datasheet
118Kb / 11P
   For Use in TV/VCR Applications VIF/SIF Signal Processing IC
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
logo
Panasonic Semiconductor
AN5177NK PANASONIC-AN5177NK Datasheet
50Kb / 4P
   VIF/SIF Signal Processor IC for TV and VCR
AN5170K PANASONIC-AN5170K Datasheet
21Kb / 1P
   VIF/SIF signal processor IC for TV and VCR
logo
Sanyo Semicon Device
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
   Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com