Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA74308LP Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA74308LP
Description  Audio Interface for DSC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74308LP Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA74308LP_08 Datasheet HTML 1Page - Sanyo Semicon Device LA74308LP_08 Datasheet HTML 2Page - Sanyo Semicon Device LA74308LP_08 Datasheet HTML 3Page - Sanyo Semicon Device LA74308LP_08 Datasheet HTML 4Page - Sanyo Semicon Device LA74308LP_08 Datasheet HTML 5Page - Sanyo Semicon Device LA74308LP_08 Datasheet HTML 6Page - Sanyo Semicon Device LA74308LP_08 Datasheet HTML 7Page - Sanyo Semicon Device LA74308LP_08 Datasheet HTML 8Page - Sanyo Semicon Device LA74308LP_08 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LA74308LP
No.A0898-3/16
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
MIC output system
MIC voltage gain
VGMIC
MIC IN, VIN=-36dBV
16
17
18
dB
MIC output distortion
HDMIC
MIC IN, VIN=-36dBV, THD: from 2nd to 5th harmonic
0.05
0.1
%
MIC output noise voltage
VNOMIC
MIC IN, no input, JIS-A Filter
-94
-83
dBV
MIC IN max input level
VINMMX
MIC IN LEVEL at which the MIC output THD
(from 2nd to 5th harmonic) becomes 3% or less.
-25
dBV
MIC VCC output voltage
VMIC
At 6.2k
Ω load
1.5
1.7
1.9
V
Control system
Serial CLOCK frequency
FCLK
0.1
1
MHz
Serial input LOW level
SERLO
0
0.7
V
Serial input HIGH level
SERHI
2.3
3.5
V
Package Dimensions
unit : mm (typ)
3321
SANYO : VQLP24(3.5X3.5)
0.75
BOTTOM VIEW
3.5
0.35
0.2
TOP VIEW
TOP VIEW
1
6
7
12
13
18
19
24


Similar Part No. - LA74308LP_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
More results

Similar Description - LA74308LP_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA74310LP SANYO-LA74310LP_08 Datasheet
227Kb / 22P
   Audio Interface for DSC Video Driver
LA74303FN SANYO-LA74303FN Datasheet
215Kb / 18P
   Monolithic Linear IC Audio Interface for DSC
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
logo
Rohm
BU7843AGU ROHM-BU7843AGU Datasheet
405Kb / 6P
   Audio Interface for Cellular Phone
BA8272AFV ROHM-BA8272AFV Datasheet
116Kb / 8P
   BUS Interface for car audio
BA8270F ROHM-BA8270F Datasheet
97Kb / 6P
   Bus interface for car audio
BA8272F ROHM-BA8272F Datasheet
108Kb / 6P
   Bus interface for car audio
logo
Aimtron Technology
AT1453 AIMTRON-AT1453 Datasheet
643Kb / 19P
   Photoflash Capacitor Charger for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com