Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA42351 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA42351
Description  Audio Output for TV Application 5W횞1ch Power Ampilfier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42351 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA42351 Datasheet HTML 1Page - Sanyo Semicon Device LA42351 Datasheet HTML 2Page - Sanyo Semicon Device LA42351 Datasheet HTML 3Page - Sanyo Semicon Device LA42351 Datasheet HTML 4Page - Sanyo Semicon Device LA42351 Datasheet HTML 5Page - Sanyo Semicon Device LA42351 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LA42051
No.A1037-5/6
Icco - Vcc
0
10
20
30
40
50
60
0
2
4
6
8
10
121416
18
202224
Vcc [V]
RL=8
Ω
Rg=0
Ω
Po - Vcc
0
2
4
6
8
10
4
6
8
10
12
14
16
18
20
22
Vcc [V]
RL=8
Ω
Rg=600
Ω
f=1kHz
THD=10%
THD - Po
0.01
0.1
1
10
100
0.1
1
10
Po [W]
f=1kHz
f=100Hz
f=10kHz
Vcc=18V
RL=8
Ω
Rg=600
Ω
THD - f
0.01
0.1
1
10
100
10
100
1000
10000
100000
f [Hz]
Vcc=18V
RL=8
Ω
Rg=600
Ω
Po=1W
SVRR - Vcc
-80
-70
-60
-50
-40
-30
-20
-10
0
4
6
8
10
121416
1820
2224
Vcc [V]
RL=8
Ω
Rg=0
Ω
fr=100Hz
Vr=0dBm
Cvcc=1
μF
SVRR - fr
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
fr [Hz]
Vcc=18V
RL=8
Ω
Rg=0
Ω
Vr=0dBm
Cvcc=1
μF
f-Response
-16
-14
-12
-10
-8
-6
-4
-2
0
2
10
100
1000
10000
100000
1000000
f [Hz]
Vcc=18V
RL=8
Ω
Rg=600
Ω
vo=0dBm(at f=1kHz)
Vno - Rg
0
0.1
0.2
0.3
100
1000
10000
100000
Rg [
Ω]
Vcc=18V
RL=8
Ω
DIN AUDIO


Similar Part No. - LA42351

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA42351 SANYO-LA42351 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
More results

Similar Description - LA42351

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
   Audio Output for TV application 5W Monaural Power Amplifier
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA42032 SANYO-LA42032 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42101 SANYO-LA42101 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 10W 횞 1ch Power Amplifier
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42152 SANYO-LA42152 Datasheet
192Kb / 5P
   Monolithic Linear IC Audio Output for TV application 15W 횞 2ch Power Amplifier
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com