Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA8160V Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA8160V
Description  AGC Amplifier and Pre Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8160V Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA8160V_08 Datasheet HTML 1Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 2Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 3Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 4Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 5Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 6Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 7Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LA8160V
No.A0513-6/8
Test Circuit (3)
Test Circuit (4)
1.3k
Ω
0.47
μH
2.2
μH
30pF
250
Ω
510
Ω
510
Ω
51
Ω
51
Ω
1000pF
10000pF
1000pF
1000pF
1000pF
1000pF
1000pF
1000pF
Driver Amp
Driver Amp
AGC
/Pre Amp
AGC
VCC
VCC
VCC
VCC
VIN
1000pF
11
16
15
14
13
12
10
9
6
1
2
3
4
5
7
8
Spectrum Analyzer
1.3k
Ω
0.47
μH
2.2
μH
30pF
250
Ω
510
Ω
510
Ω
51
Ω
51
Ω
1000pF
10000pF
1000pF
1000pF
fc = 42.17MHz
C : Ref. -15dB
1000pF
1000pF
1000pF
1000pF
Driver Amp
Driver Amp
AGC
/Pre Amp
AGC
VCC
VCC
VCC
VCC
1000pF
11
16
15
14
13
12
10
9
6
1
2
3
4
5
7
8
Spectrum Analyzer
fp = 45.75MHz
P : Ref.
fs = 42.25MHz
S : Ref. -15dB


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn