Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA8160V Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part No. LA8160V
Description  AGC Amplifier and Pre Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8160V Datasheet(HTML) 7 Page - Sanyo Semicon Device

  LA8160V_08 Datasheet HTML 1Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 2Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 3Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 4Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 5Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 6Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 7Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LA8160V
No.A0513-7/8
– 50
– 40
– 30
– 20
– 10
40
50
60
70
80
90
100
110
40
0
10
20
30
0
2.0
2.5
1.5
1.0
0.5
3.0
3.5
80
85
75
70
65
90
95
100
105
4.0
Pre Amp. Noise Figure -- Frequency Characteristic
0
2
4
6
8
10
12
14
16
18
10
50
60
70
80
90
100
40
30
20
110
Frequency – MHz
Measurement circuit 1
Freq. = 45.75MHz
Measurement circuit 1
Fund = 45MHz, 50MHz
Measurement circuit 3
Measurement circuit 4
Measurement circuit 3
Measurement circuit 1
VAGC = 2.5V
Measurement circuit 1
Freq. = 45.75MHz
Fund (45MHz)
Picture output
920kHz
beat
IMD3 (40MHz)
Pre Amp. Gain -- Frequency Characteristic
0
20
25
30
35
15
10
5
40
10
60
70
80
90
100
50
40
30
20
110
Frequency – MHz
Pre Amp. 920kHz Beat Characteristic
20
60
70
80
90
100
110
120
50
40
30
130
80
86
84
82
88
94
96
98
92
90
100
Picture input (differential) – dB
μ
AGC Amp. Gain -- Vagc Characteristic
Vagc–V
30
120
60
110
AGC Amp. Intermodulation Characteristic
IF input/tone (differential) – dB
μ
0
5
10
0
5
10
20
30
15
25
20
25
30
35
40
15
35
0
200
300
350
400
450
150
100
50
250
500
020
30
15
10
525
35
AGC Amp. Noise Figure -- Gain Characteristic
AGC Amp. Gain -- Frequency Characteristic
Frequency – MHz
Voltage gain – dB


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn